ATS-08D-75-C1-R0
AI

The **ATS-08D-75-C1-R0** is a specific part number for a high-performance **Heatsink** manufactured by **Advanced Thermal Solutions (ATS)**. It is part of their "push pin" series designed for cooling electronic components like CPUs, GPUs, and high-power chipsets.
---
## 1. Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic) |
| **Spring Type** | Compression Spring |
| **Thermal Resistance** | ~14.95°C/W (at 100 LFM) to ~1.43°C/W (at 700 LFM) |
| **Thermal Interface Material (TIM)** | Pre-applied T766 (High Performance) |
---
## 2. Physical Dimensions
Precision sizing is critical for ensuring the heatsink fits within the circuit board's "keep-out" zones.
| Dimension | Value |
| :--- | :--- |
| **Length/Width (Base)** | 25.00 mm x 25.00 mm |
| **Height (Fin Profile)** | 30.00 mm |
| **Pitch (Hole-to-Hole)** | 30.00 mm |
| **Weight** | ~28 grams |
---
## 3. Key Electronic Cooling Features
### A. High Aspect Ratio Fins
The heatsink utilizes a straight-fin design that maximizes surface area. In electronic cooling, this is vital for dissipating heat generated by the semiconductor die into the ambient air via forced convection (fan-driven airflow).
### B. Push-Pin Attachment Mechanism
Instead of using messy adhesives or permanent solder, this part uses a **plastic push-pin and spring** system:
* **Reliability:** Ensures consistent pressure (clamping force) on the chip.
* **Ease of Repair:** Allows for the heatsink to be removed and the TIM to be reapplied if the board requires maintenance.
* **Vibration Resistance:** The spring provides a degree of mechanical decoupling, protecting the chip during transport.
### C. Pre-applied TIM (Thermal Interface Material)
The **T766** material pre-applied to the base fills microscopic air gaps between the component and the heatsink. This significantly reduces "Contact Resistance," which is the biggest bottleneck in cooling small electronic parts.
---
## 4. Common Applications
* **Embedded Systems:** Cooling industrial microcontrollers.
* **Networking:** Heat management for small switches and routers.
* **Power Electronics:** Dissipating heat from MOSFET arrays or Voltage Regulator Modules (VRMs).
- ⤷
What are the airflow requirements for the ATS-08D-75-C1-R0 to achieve its peak performance?
- ⤷ How do I calculate the required hole size on the PCB for the push-pin attachment?
- ⤷ Can this heatsink be used with a custom thermal pad instead of the pre-applied T766?