công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ATS-08D-72-C3-R0

  • AI
    The **ATS-08D-72-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **pushPIN™** series, designed for efficient cooling of semiconductors and integrated circuits (ICs). --- ## 1. Technical Specifications Below are the primary physical and thermal characteristics of the part: | Feature | Specification | | :--- | :--- | | **Material** | Aluminum (AL6063) | | **Finish** | Blue Anodized | | **Attachment Method** | pushPIN™ (Plastic/Brass Pegs) | | **Fin Style** | Straight | | **Thermal Resistance (Flowing)** | 1.81 °C/W @ 200 LFM | | **Thermal Resistance (Static)** | 5.10 °C/W | | **Dimensions (LxWxH)** | 45.00mm x 45.00mm x 15.00mm | --- ## 2. Key Components & Materials ### A. The Heat Sink Body The body is made from **Aluminum 6063**. This alloy is chosen for its excellent thermal conductivity and structural integrity. The "Straight Fin" design allows for low pressure drop and is ideal for systems with high-velocity airflow. ### B. pushPIN™ Attachment Mechanism Unlike adhesive-based heat sinks, this model uses a mechanical mounting system: * **Springs:** Provides consistent pressure (Pre-assembled for "Fine Pitch" or "Coarse Pitch"). * **Pins:** Available in plastic or brass to secure the sink to the PCB. * **Reliability:** Mechanical mounting is preferred in high-vibration environments compared to thermal tape. ### C. Thermal Interface Material (TIM) The part typically comes with a pre-applied **T412** thermal interface material. This ensures there are no air gaps between the heat sink base and the electronic component (CPU, GPU, or Power Module). --- ## 3. Product Coding Deciphered The part number **ATS-08D-72-C3-R0** can be broken down as follows: 1. **ATS:** Manufacturer (Advanced Thermal Solutions). 2. **08:** Series/Fin characteristic. 3. **D:** Spring type/Attachment variation. 4. **72:** Specific dimension/geometry code. 5. **C3:** Material/Thermal performance grade. 6. **R0:** Revision or Packaging code. --- ## 4. Usage Example To integrate this into a hardware design, the PCB must have specific hole patterns for the pins. ```cpp // Thermal Design Rule Check (Pseudo-logic) if (component_temp > max_safe_threshold) { apply_heatsink("ATS-08D-72-C3-R0"); check_airflow_lfm(200); // Target 1.81 C/W performance } ```
    ✨ Follow-up Questions
    • ⤷ What is the hole pattern required for mounting this heat sink?
    • ⤷ How does the 'Blue Anodized' finish affect thermal performance?
    • ⤷ Can this heat sink be used with a custom thermal pad instead of the pre-applied TIM?