ATS-08D-68-C2-R0
AI

The **ATS-08D-68-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to their "blue ice" or high-performance push-pin series designed for cooling integrated circuits (ICs).
---
### 1. Technical Specifications
The following table outlines the mechanical and thermal characteristics of the part:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic or Brass) |
| **Spring Type** | Compression Spring |
| **Fin Style** | Straight Fin |
| **Dimensions (L x W x H)** | 45mm x 45mm x 15mm |
| **Thermal Resistance** | 15.31°C/W (at 0.5 m/s airflow) |
| **Number of Fins** | Variable (Optimized for flow) |
---
### 2. Key Components & Materials
#### A. The Heat Sink Body (Aluminum 6063)
Aluminum is used for its excellent thermal conductivity and lightweight properties. The **Blue Anodized** finish is not just aesthetic; it provides:
* Increased surface emissivity (improving radiation heat transfer).
* Corrosion resistance.
* Electrical insulation to prevent short circuits if contact occurs.
#### B. The Attachment System (Push-Pin)
Unlike adhesive-based heat sinks, this model uses a mechanical push-pin system:
* **Uniform Pressure:** The pre-assembled compression springs ensure constant pressure on the processor, optimizing the interface between the chip and the heat sink.
* **Reliability:** Mechanical fasteners are more durable than thermal tape in high-vibration environments.
#### C. Thermal Interface Material (TIM)
The "R0" suffix typically denotes that the part comes with a pre-applied high-performance **Thermal Interface Material** (usually a phase-change material or thermal pad) on the base to ensure minimal air gaps between the component and the sink.
---
### 3. Application Use Cases
This specific heat sink is commonly found in:
1. **Network Switches/Routers:** Cooling high-speed ASICs.
2. **Embedded Systems:** Industrial PCs where mechanical stability is required.
3. **Power Electronics:** Cooling MOSFET arrays or voltage regulators.
4. **Processors:** Used for BGA (Ball Grid Array) packages that require a 45mm footprint.
---
### 4. Thermal Performance Comparison
The effectiveness of the ATS-08D-68-C2-R0 is highly dependent on airflow (LFM - Linear Feet per Minute):
| Airflow Velocity (m/s) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 0.5 (Natural/Low) | 15.31 |
| 1.0 (Moderate) | 6.60 |
| 2.5 (High Speed) | 3.90 |
---
- ⤷What is the difference between the C2 and C1 versions of this heat sink?
- ⤷ How do I calculate the required hole pattern for the push-pin installation?
- ⤷ Can this heat sink be used with a custom fan attachment?