ATS-08D-41-C2-R0
AI

The **ATS-08D-41-C2-R0** is a high-performance electronic thermal management component. Specifically, it is a **Heatsink** designed for cooling integrated circuits (ICs) and other electronic components.
Below is a detailed breakdown of its technical specifications and physical characteristics.
---
### 1. General Specifications
The part belongs to the **Advanced Thermal Solutions (ATS)** "blueICE" series, known for its high-efficiency thermal performance in compact spaces.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. (ATS) |
| **Part Number** | ATS-08D-41-C2-R0 |
| **Type** | Board Level, Heatsink (Push-Pin Mount) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Thermal Resistance** | 10.02°C/W (Unducted Flow @ 200 LFM) |
---
### 2. Mechanical Dimensions
Precision in dimensions is critical for PCB layout and ensuring there is no interference with surrounding components.
| Dimension | Measurement |
| :--- | :--- |
| **Length** | 45.00 mm |
| **Width** | 45.00 mm |
| **Height (Fin Height)** | 17.78 mm |
| **Attachment Method** | Push-Pin (Plastic or Brass) |
| **Spring Type** | Compression Spring |
---
### 3. Key Electronic Cooling Features
#### A. Fin Design
The "41" series typically utilizes a **Straight Fin** or **Cross-Cut** design. This allows for optimal airflow in one or multiple directions, significantly reducing the junction temperature of the underlying semiconductor.
#### B. Attachment System (Push-Pin)
This part uses a **Push-Pin** mounting mechanism. In electronics:
* **Ease of Assembly:** It allows for quick installation onto the PCB.
* **Reliability:** The compression spring ensures constant pressure between the heatsink and the component (like a BGA or CPU), maximizing heat transfer.
* **Pre-Drilled Holes:** The PCB must have specific hole layouts to accommodate the pins.
#### C. Thermal Interface Material (TIM)
The "C2" suffix typically indicates that the heatsink comes with a **Pre-applied Thermal Interface Material**. This is a phase-change or high-conductivity pad that fills microscopic air gaps between the chip and the aluminum, drastically improving cooling efficiency.
---
### 4. Thermal Performance Data
Electronic components fail if they exceed their maximum operating temperature ($T_j$). The ATS-08D-41-C2-R0 provides the following cooling rates based on Airflow (LFM - Linear Feet per Minute):
* **@ 200 LFM:** 10.02 °C/W
* **@ 400 LFM:** 4.10 °C/W
* **@ 600 LFM:** 2.90 °C/W
*Note: Higher airflow results in lower thermal resistance, allowing the electronic part to run faster or more reliably.*
---
- ⤷
What are the PCB hole diameter requirements for the ATS push-pin mount?
- ⤷ Does this model come with a specific type of Thermal Interface Material (TIM)?
- ⤷ What is the weight of the ATS-08D-41-C2-R0 to ensure it meets mechanical stress limits?