ATS-08D-196-C2-R0
AI

The **ATS-08D-196-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "push-pin" series designed for cooling electronic components such as CPUs, GPUs, and power modules.
---
### 1. Technical Specifications
The part number itself contains encoded information about its dimensions and material properties.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Base Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic/Brass) |
| **Dimensions (L x W)** | 45mm x 45mm |
| **Height** | 10mm |
| **Pitch** | Fine Pitch (High fin density) |
---
### 2. Thermal Performance
Thermal resistance is the measure of how effectively the heat sink removes heat. Performance varies based on the airflow (measured in Linear Feet per Minute - LFM).
| Airflow Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (0.5 m/s) | 18.11 |
| 300 (1.5 m/s) | 11.81 |
| 500 (2.5 m/s) | 9.73 |
| 700 (3.5 m/s) | 8.51 |
---
### 3. Key Electronic/Mechanical Features
* **Thermal Interface Material (TIM):** This specific model typically comes pre-applied with **T766**, a high-performance phase-change material that improves heat transfer between the chip and the heat sink.
* **Push-Pin Attachment:** It utilizes a spring-loaded push-pin mechanism. This provides:
* **Consistent Pressure:** Ensures optimal contact with the electronic component.
* **Secure Fit:** Prevents the heat sink from shifting during vibration or shipping.
* **Fin Design:** The "Straight Fin" or "Cross-Cut" geometry is optimized for high-density electronic boards where space is limited but high surface area is required for cooling.
* **Material Properties:** The blue anodized aluminum offers both corrosion resistance and improved emissivity for better radiative cooling.
---
### 4. Common Applications
* **Integrated Circuits (ICs):** Cooling high-speed processors or FPGAs.
* **Power Supplies:** Managing heat in MOSFETs or voltage regulators.
* **Telecommunications:** Used in networking gear like routers and switches where airflow is controlled.
- ⤷What is the difference between the C1 and C2 versions of this heat sink?
- ⤷ How do I calculate the correct push-pin length for my PCB thickness?
- ⤷ Is there a version of this heat sink with a higher profile for better cooling?