công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ATS-08D-121-C2-R0

  • AI
    The **ATS-08D-121-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic integrated circuits (ICs) like CPUs, GPUs, or power modules. ### 1. Technical Specifications The following table highlights the core technical characteristics of this specific model: | Parameter | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions (ATS) | | **Series** | pushPIN™ | | **Attachment Method** | Push Pin (Plastic/Brass) | | **Material** | Aluminum (AL6063) | | **Finish** | Blue Anodized | | **Thermal Resistance** | 9.48°C/W (Unducted Flow @ 100 LFM) | | **Dimensions** | 45mm x 45mm x 10mm | | **Fin Pattern** | Fine Pitch (Cross-Cut) | --- ### 2. Design and Component Breakdown #### A. The Fin Geometry (Fine Pitch) The part utilizes a **Fine Pitch** fin design. This increases the surface area available for heat transfer. Because it is "Cross-Cut," it allows for better airflow in multiple directions compared to straight-fin designs, making it ideal for systems where the airflow direction might be inconsistent. #### B. The pushPIN™ Attachment System This is the mechanical part of the assembly. Instead of using messy thermal adhesives or complex screws, it uses: * **Push Pins:** To quickly secure the sink to the PCB. * **Compression Springs:** These provide precise, uniform pressure across the component (TIM), ensuring maximum heat transfer efficiency without cracking the silicon die. #### C. Thermal Interface Material (TIM) The "R0" suffix usually denotes that the part comes with a pre-applied **Phase Change Material** or high-performance thermal pad. This fills the microscopic air gaps between the heat sink and the electronic chip. --- ### 3. Part Number Decoder Understanding the nomenclature helps in identifying its role in a circuit: | Segment | Meaning | | :--- | :--- | | **ATS** | Advanced Thermal Solutions (Brand) | | **08** | Attachment Type (pushPIN™ style) | | **D** | Material/Spring Type | | **121** | Specific dimension/fin configuration | | **C2** | Blue Anodized finish | | **R0** | Thermal Interface Material (T766 or similar) | --- ### 4. Application Use-Case This part is typically found in: * **Network Switches:** Cooling high-speed data processing chips. * **Industrial Power Supplies:** Managing heat in MOSFETs or voltage regulators. * **Embedded Systems:** For compact boards where vertical space is limited (10mm height).
    ✨ Follow-up Questions
    • ⤷ What are the advantages of blue anodizing over plain aluminum for heat sinks?
    • ⤷ How do I calculate if the 9.48°C/W thermal resistance is sufficient for my chip?
    • ⤷ What is the difference between plastic and brass push pins for this model?