ATS-08D-03-C2-R0
AI

The **ATS-08D-03-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or high-power transistors.
---
### 1. Technical Specifications
Below is the technical breakdown of the part based on the manufacturer's nomenclature:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Attachment Type** | Push-Pin (Plastic or Brass) |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Dimensions** | 40mm x 40mm x 15mm |
| **Thermal Resistance** | 15.85°C/W (Unducted Flow) |
| **Pressure Drop** | 0.15 - 0.20 in. H2O (Approx.) |
---
### 2. Key Design Elements
#### A. pushPIN™ Attachment System
The "08D" in the part number refers to the specific attachment mechanism. This system uses a spring-loaded push-pin that fits into pre-drilled holes in the PCB.
* **Benefits:** Ensures constant pressure for optimal thermal contact and allows for quick installation/removal without tools.
#### B. Fin Profile (Fine Pitch)
The heat sink features a high-density fin structure. This increases the surface area available for heat transfer to the surrounding air, making it highly efficient for its compact size.
#### C. Thermal Interface Material (TIM)
The "C2" suffix typically indicates that the part comes pre-applied with a high-performance thermal interface material (T-PCM 585 or similar). This eliminates the need for manual thermal paste application.
---
### 3. Applications and Usage
This part is commonly found in the following electronic environments:
* **Telecommunications:** Cooling of high-speed network switches.
* **Computing:** Secondary cooling for chipsets or power regulators.
* **Industrial Power:** Managing heat for MOSFETs and IGBTs in power supplies.
---
### 4. Environmental Compliance
* **RoHS Status:** Fully compliant (Lead-free).
* **REACH Status:** Compliant with current environmental standards for hazardous substances.
- ⤷
What is the significance of the 'Blue Anodized' finish in thermal management?
- ⤷ How do I calculate if the 15.85°C/W thermal resistance is sufficient for my component?
- ⤷ What are the PCB hole diameter requirements for the ATS push-pin system?