ATS-08B-77-C2-R0
AI

The **ATS-08B-77-C2-R0** is a specific high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It belongs to the **maxiFLOW™** product line, designed for cooling electronic components such as CPUs, GPUs, FPGAs, and ASICs.
---
### 1. Technical Specifications
The following table outlines the physical and thermal characteristics of the part:
| Characteristic | Specification |
| :--- | :--- |
| **Material** | Aluminum (Blue Anodized) |
| **Dimensions** | 25mm x 25mm x 20mm |
| **Attachment Method** | pushPIN™ |
| **Thermal Resistance** | 9.30°C/W (Unducted Flow @ 200 LFM) |
| **Fin Style** | Tapered Fin (maxiFLOW™) |
| **Compliance** | RoHS and REACH Compliant |
---
### 2. Electronic Application & Function
While the part is mechanical, it is critical for the reliable operation of electronic systems:
* **Heat Dissipation:** It removes thermal energy from semiconductor junctions. In electronics, excessive heat leads to "thermal throttling" or permanent hardware failure.
* **Thermal Interface Material (TIM):** This part usually comes with **T766** pre-applied thermal phase-change material, which fills microscopic air gaps between the chip and the heat sink to maximize heat transfer.
* **Airflow Optimization:** The "tapered fin" design is engineered to transform high-velocity airflow into a more turbulent pattern, which increases the cooling efficiency compared to standard straight-fin heat sinks.
---
### 3. Mounting Mechanism (pushPIN™)
The "R0" suffix refers to the specific attachment kit included. The **pushPIN™** system consists of:
1. **Spring-loaded Pins:** These ensure a consistent and precise "clamping force" against the electronic chip.
2. **Reliability:** Unlike adhesive tapes, mechanical pins prevent the heat sink from shifting or falling off due to vibration or high temperatures.
3. **Compression Springs:** Available in different tensions to provide the exact pressure required for various PCB thicknesses.
---
### 4. Part Number Breakdown
Understanding the nomenclature helps in identifying its role in a circuit board assembly:
* **ATS**: Manufacturer (Advanced Thermal Solutions).
* **08**: Part Series/Footprint.
* **B**: Fin height/configuration code.
* **77**: Specific dimension/style code.
* **C2**: Material/Finish (Blue Anodized Aluminum).
* **R0**: Packaging and Attachment type (Standard pushPIN™ assembly).
- ⤷
What are the benefits of the maxiFLOW™ fin design over standard straight fins?
- ⤷ How do I calculate the required airflow (LFM) for this specific heat sink?
- ⤷ Is the pushPIN™ attachment compatible with all standard PCB hole patterns?