AI

The **ATS-08B-75-C1-R0** is a specific electronic component categorized as a **Heat Sink**, manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or failure.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. |
| **Series** | pushPIN™ |
| **Material** | Aluminum (typically Blue Anodized) |
| **Dimensions** | 25mm x 25mm |
| **Height** | 30mm |
| **Attachment Method** | Push-Pin (Spring Loaded) |
| **Thermal Resistance** | ~14.95°C/W (at 100 LFM) |
| **Fin Style** | Straight Fin |
---
### 2. Physical Design & Features
#### A. The Heat Sink Body
* **Form Factor:** This is a square, high-profile heat sink. The 30mm height makes it suitable for cases with vertical space but small footprints.
* **Fin Configuration:** It uses a straight-fin design. This is optimized for **forced air cooling** (fans) rather than passive cooling, as the fins are packed to maximize surface area.
* **Material:** Made of aluminum for a balance between weight, cost, and thermal conductivity.
#### B. The pushPIN™ Attachment System
The "R0" at the end of the part number signifies the specific mounting hardware.
* **Installation:** It uses two plastic push-pins with integrated springs.
* **Benefit:** This provides consistent pressure (clamping force) on the electronic chip, ensuring better thermal transfer between the chip surface and the heat sink base.
* **Hole Pattern:** Designed for specific PCB hole spacings (usually around 20mm for this size).
---
### 3. Part Number Breakdown (Nomenclature)
Understanding the code helps identify the exact variant:
| Code | Meaning |
| :--- | :--- |
| **ATS** | Advanced Thermal Solutions (Brand) |
| **08** | Series designation |
| **B** | Aluminum material |
| **75** | Specific internal dimension/style code |
| **C1** | Thermal Interface Material (TIM) included (usually T766) |
| **R0** | RoHS compliant / Standard hardware kit |
---
### 4. Thermal Performance Context
The **ATS-08B-75-C1-R0** is highly dependent on airflow (measured in Linear Feet per Minute - LFM).
* **Low Airflow:** At 100 LFM, the thermal resistance is roughly **15.0°C/W**.
* **High Airflow:** At 500 LFM, the thermal resistance drops significantly to roughly **5.2°C/W**, making it much more efficient.
---
- ⤷
What is the exact hole-to-hole mounting distance for this heat sink?
- ⤷ Does this model come with pre-applied thermal paste (TIM)?
- ⤷ What are the alternative attachment methods for this series besides push-pins?