ATS-08B-70-C2-R0
AI

The **ATS-08B-70-C2-R0** is a specific electronic cooling component, categorized as a high-performance **Heat Sink**. It is manufactured by *Advanced Thermal Solutions, Inc. (ATS)* and belongs to their "maxiFLOW™" product line.
---
## 1. Technical Specifications
Below are the primary physical and thermal characteristics of this part:
| Characteristic | Specification |
| :--- | :--- |
| **Component Type** | Heat Sink (Thermal Management) |
| **Material** | Aluminum (Blue Anodized) |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Dimension (L x W)** | 45.00mm x 40.00mm |
| **Height (Height Off Base)** | 25.00mm |
| **Thermal Resistance** | 8.70°C/W (at 1.0 m/s airflow) |
| **Fin Style** | maxiFLOW (Tapered Fin Design) |
---
## 2. Key Features and Design
This component is designed to dissipate heat from surface-mount components like CPUs, GPUs, or high-power FPGAs.
### A. maxiFLOW™ Fin Geometry
The "maxiFLOW" design features a flared fin structure. Unlike standard straight-fin heat sinks, this design:
* Reduces pressure drop.
* Increases surface area for cooling.
* Optimizes airflow through the fin field, making it highly efficient in forced-air environments.
### B. pushPIN™ Attachment
The part uses the **pushPIN™** mounting system. This includes:
* A brass or plastic pin and a high-performance compression spring.
* This ensures consistent pressure (clamped force) against the electronic component, which improves thermal interface material (TIM) performance and prevents the heat sink from shifting during vibration.
### C. Thermal Interface Material (TIM)
The "R0" suffix usually indicates the inclusion of a pre-applied **Thermal Interface Material**. In the case of this series, it typically features a high-performance Phase Change Material or thermal pad to ensure a low-resistance path between the chip and the aluminum base.
---
## 3. Application Use Cases
The ATS-08B-70-C2-R0 is commonly found in the following electronic environments:
1. **Telecommunications:** Cooling of high-speed networking chips.
2. **Embedded Systems:** Industrial PCs where space is limited but heat density is high.
3. **Power Supplies:** Heat dissipation for power MOSFETs or IGBTs.
---
- ⤷How do I calculate the required airflow for this heat sink?
- ⤷ What is the difference between the C1
- ⤷ C2
- ⤷ and C3 suffixes in ATS part numbers?
- ⤷ Are there alternative mounting options if pushPIN is not supported by my PCB?