ATS-08B-32-C2-R0
AI

The **ATS-08B-32-C2-R0** is a high-performance electronic thermal management component, specifically a **Heatsink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **maxiFLOW™** series, which is designed to provide high thermal performance in environments with constrained airflow.
---
### 1. Technical Specifications
The following table breaks down the electronic and mechanical characteristics of this part:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. |
| **Part Number** | ATS-08B-32-C2-R0 |
| **Material** | Aluminum (with Blue Anodized finish) |
| **Attachment Method** | pushPIN™ (with Springs) |
| **Thermal Resistance** | 21.46 °C/W (Unducted Flow @ 100 LFM) |
| **Dimensions (L x W)** | 32.00 mm x 32.00 mm |
| **Height (Fin Depth)** | 12.70 mm |
| **Thermal Interface Material** | T766 (High Performance Polymer) |
---
### 2. Key Components & Features
#### A. Fin Design (maxiFLOW™)
The "maxiFLOW" geometry features a tapered fin structure. This design increases the surface area while reducing the pressure drop, allowing the heatsink to operate efficiently even when the cooling fan speed is low.
#### B. pushPIN™ Attachment
Unlike simple adhesive tapes, the **pushPIN™** system uses a flexible spring-loaded mechanism. This ensures:
* **Constant Pressure:** Maintains a secure contact between the heatsink and the electronic component (CPU/GPU/FPGA).
* **Shock Resistance:** Protects the component from mechanical stress or vibration during transport.
#### C. Thermal Interface Material (TIM)
The part comes pre-applied with **T766**. This is a thermal grease/pad substitute that fills microscopic air gaps between the heatsink base and the chip, significantly improving heat transfer efficiency.
---
### 3. Thermal Performance Matrix
Thermal resistance determines how effectively the part dissipates heat relative to airflow (Measured in Linear Feet per Minute - LFM):
| Velocity (LFM) | Velocity (m/s) | Thermal Resistance (°C/W) |
| :--- | :--- | :--- |
| 100 | 0.5 | 21.46 |
| 300 | 1.5 | 6.60 |
| 500 | 2.5 | 3.99 |
| 700 | 3.5 | 3.02 |
---
### 4. Application Use Cases
* **Embedded Systems:** Cooling small-form-factor processors.
* **Telecommunications:** Used on PCB components within routers and switches.
* **Power Electronics:** Managing heat for VRMs (Voltage Regulator Modules) and power MOSFETs.
- ⤷
What are the mounting hole requirements for the pushPIN system on this heatsink?
- ⤷ How does the Blue Anodized finish affect the thermal radiation properties?
- ⤷ Are there alternative Thermal Interface Materials (TIM) available for this specific model?