ATS-08B-166-C3-R0
AI

The **ATS-08B-166-C3-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "push pin" series designed specifically for cooling electronic components like CPUs, GPUs, and other high-heat integrated circuits.
---
### 1. Technical Specifications
The part number follows a specific nomenclature used by ATS. Below are the physical and thermal characteristics:
| Property | Value |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push Pin (Plastic/Brass) |
| **Thermal Resistance** | 12.30°C/W (Unducted Flow @ 200 LFM) |
| **Dimensions (L x W x H)** | 25mm x 25mm x 15mm |
| **Fin Style** | Square Pin Fin |
| **Thermal Interface Material (TIM)** | T412 (Pre-applied) |
---
### 2. Breakdown of the Part Number
To understand the electronic application, we can decode the identifier:
- **ATS-08**: Refers to the specific series of high-efficiency pin-fin heat sinks.
- **B**: Indicates the attachment mechanism (Push-pin style).
- **166**: Specific size and height configuration (25mm x 15mm).
- **C3**: Refers to the material and finish (Blue Anodized Aluminum).
- **R0**: Revision/Packaging code.
---
### 3. Key Electronic Features
#### A. Pin Fin Design
Unlike traditional straight-fin heat sinks, the **Square Pin Fin** design allows for multidirectional airflow. This is critical in crowded PCB environments where air might not be moving in a single linear path. It increases the surface area for heat dissipation while creating turbulence to improve cooling efficiency.
#### B. Push Pin Attachment
This part uses a spring-loaded push-pin mechanism. In electronics, this is preferred over adhesive tapes for:
* **Constant Pressure:** Ensures the heat sink stays flat against the chip.
* **Reliability:** Better vibration resistance compared to thermal tape.
* **Reusability:** Easier to remove for chip maintenance or inspection.
#### C. Thermal Interface Material (T412)
The part comes with **T412** pre-applied. This is a high-performance phase-change material or thermal pad that fills microscopic air gaps between the component surface and the heat sink, significantly lowering thermal impedance.
---
### 4. Common Applications
This specific size (25mm x 25mm) is commonly used for:
* **Northbridge/Southbridge** chipsets on motherboards.
* **FPGA** (Field Programmable Gate Arrays).
* **Network processors** in switches and routers.
* **LED** power modules.
- ⤷What are the specific airflow requirements for this heat sink?
- ⤷ How does the T412 TIM compare to standard thermal paste?
- ⤷ Are there alternative mounting options if push pins don't fit my PCB?