công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ATS-08B-150-C2-R0

  • AI
    The **ATS-08B-150-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "push-pin" attachment series, specifically designed for cooling electronic components like CPUs, GPUs, and high-power integrated circuits. ### 1. Technical Specifications The following table outlines the physical and thermal characteristics of this specific model: | Parameter | Specification | | :--- | :--- | | **Material** | Aluminum | | **Finish** | Blue Anodized | | **Dimension (L x W)** | 35 mm x 35 mm | | **Height** | 25 mm | | **Thermal Resistance** | 4.82 °C/W (at 200 LFM) | | **Attachment Method** | Push-Pin (Plastic) | | **Spring Type** | Compression Spring | | **Fin Type** | Straight Fin | --- ### 2. Key Electronic & Mechanical Components #### A. The Heat Sink Body (Aluminum) * **Thermal Conductivity:** Aluminum is used for its high thermal conductivity and lightweight properties. * **Straight Fin Design:** The fins are arranged in a straight pattern to allow for low-pressure drop and efficient heat dissipation under forced air (fan) conditions. * **Anodized Coating:** The blue anodized finish is not just aesthetic; it provides surface protection against corrosion and slightly improves radiant heat transfer. #### B. Push-Pin Attachment Mechanism Instead of using messy thermal adhesives or complex screws, this part uses a **Push-Pin** system: 1. **Plastic Push-Pins:** Flexible pins that snap into pre-drilled holes on the Printed Circuit Board (PCB). 2. **Compression Springs:** These provide a precise amount of "downward force" to ensure the heat sink remains in constant contact with the electronic chip. #### C. Thermal Interface Material (TIM) The "R0" designation typically implies the inclusion of a high-performance **Thermal Interface Material**. This is a pre-applied phase-change material or thermal pad on the base of the heat sink that fills microscopic air gaps between the component and the metal, maximizing heat transfer. --- ### 3. Application Use Cases This part is commonly found in the following electronic environments: * **Networking Hardware:** Routers, switches, and gateways. * **Embedded Systems:** Industrial PCs and controllers. * **Power Supplies:** Cooling voltage regulators or MOSFETs. ---
    ✨ Follow-up Questions
    • ⤷ What are the benefits of using push-pins over thermal adhesive?
    • ⤷ How does the 'LFM' (Linear Feet per Minute) affect the thermal resistance of this part?
    • ⤷ Can this heat sink be used with a standard 35mm fan?