ATS-08B-06-C2-R0
AI

The **ATS-08B-06-C2-R0** is a high-performance heat sink manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **pushPIN™** series and is designed for electronic components requiring efficient thermal management, such as CPUs, GPUs, or high-power ASICs.
---
### Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Part Number** | ATS-08B-06-C2-R0 |
| **Material** | Aluminum (with Blue Anodized finish) |
| **Thermal Resistance** | 20.12°C/W (Unducted Flow @ 100 LFM) |
| **Attachment Type** | pushPIN™ (Spring-loaded) |
| **Dimensions (L x W x H)** | 40mm x 40mm x 25mm |
| **Fin Style** | Straight Fin |
| **Interface Material** | T766 (Thermal Interface Material pre-applied) |
---
### Core Electronic Components & Features
#### 1. Thermal Management Logic
The primary purpose of this part is to dissipate heat from integrated circuits. The **straight fin design** is optimized for high-density airflow environments, ensuring that the junction temperature ($T_j$) of the electronic component remains within safe operating limits.
#### 2. pushPIN™ Attachment Mechanism
Unlike traditional adhesive-based heat sinks, this model uses a mechanical mounting system:
* **Spring-loaded bolts:** Provide consistent pressure across the component surface, improving thermal conductivity.
* **Compression Springs:** These are engineered to provide specific "force" ratings to prevent damage to delicate silicon dies while ensuring no air gaps exist.
#### 3. Thermal Interface Material (TIM)
The part comes pre-applied with **T766**. This is a high-performance phase-change material or grease that fills microscopic air gaps between the component's heat spreader and the heat sink base, significantly reducing thermal resistance.
#### 4. Material Science
* **Aluminum 6063:** Chosen for its excellent thermal conductivity-to-weight ratio.
* **Blue Anodized Finish:** Provides a protective layer against corrosion and slightly increases emissivity for better radiative cooling.
---
### Thermal Performance Data (Airflow)
| Velocity (LFM) | 100 (0.5m/s) | 300 (1.5m/s) | 500 (2.5m/s) | 700 (3.5m/s) |
| :--- | :--- | :--- | :--- | :--- |
| **Unducted (°C/W)** | 20.12 | 8.09 | 4.88 | 3.62 |
| **Ducted (°C/W)** | 5.38 | 3.49 | 2.85 | 2.48 |
- ⤷
How does the 'pushPIN' attachment compare to adhesive-based mounting?
- ⤷ What are the specific benefits of the T766 thermal interface material?
- ⤷ Can this heat sink be used for passive cooling without a fan?