ATS-07H-89-C2-R0
AI

The **ATS-07H-89-C2-R0** is a specific electronic cooling component manufactured by **Advanced Thermal Solutions (ATS)**. It belongs to the **pushPIN™** series of high-performance heat sinks designed for cooling integrated circuits (ICs), such as CPUs, GPUs, or FPGAs.
---
### 1. Technical Specifications
The part number encodes specific physical and thermal characteristics:
| Feature | Specification |
|:---|:---|
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Type** | pushPIN™ (Spring-loaded) |
| **Dimensions (L x W)** | 35.00 mm x 35.00 mm |
| **Height** | 20.00 mm |
| **Pitch** | Fine Pitch |
| **Pattern** | Straight Fin |
---
### 2. Physical Design Components
* **Heat Sink Body:** A square aluminum block with vertical fins. The straight-fin design is optimized for environments where there is a consistent, directional airflow.
* **Push-Pins:** These are the mechanical fasteners (usually plastic or brass) that secure the heat sink to the PCB. They eliminate the need for adhesive tapes.
* **Compression Springs:** These provide a precise "clamping force" to ensure the base of the heat sink maintains firm contact with the electronic chip.
* **Thermal Interface Material (TIM):** This part usually comes with pre-applied **T766** thermal phase change material or grease on the base to bridge the microscopic air gaps between the chip and the metal.
---
### 3. Performance Factors
The efficiency of the ATS-07H-89-C2-R0 is measured by its **Thermal Resistance**. Lower values indicate better cooling.
| Airflow Velocity | Thermal Resistance (Unducted) |
|:---|:---|
| @ 100 LFM (0.5 m/s) | ~7.94 °C/W |
| @ 400 LFM (2.0 m/s) | ~2.10 °C/W |
| @ 700 LFM (3.5 m/s) | ~1.40 °C/W |
---
### 4. Component Application
This part is typically used in:
1. **Telecommunications:** Cooling network switches and routers.
2. **Embedded Systems:** Industrial PCs where space is limited but high heat dissipation is required.
3. **Power Electronics:** Dissipating heat from MOSFETs or voltage regulators.
- ⤷
What is the difference between straight fin and cross-cut fin designs in heat sinks?
- ⤷ How do I calculate the required LFM for my specific electronic component?
- ⤷ What are the advantages of using pushPIN over thermal adhesive tape?