ATS-07H-85-C2-R0
AI

The **ATS-07H-85-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or failure.
---
## 1. Technical Specifications
The following table summarizes the primary physical and thermal characteristics of the part:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. |
| **Base Series** | pushPIN™ HS |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Spring-loaded) |
| **Dimensions (L x W x H)** | 35.00mm x 35.00mm x 10.00mm |
| **Fin Style** | Fine-Pitch (Straight Fins) |
| **Thermal Resistance** | 23.98°C/W (Unducted Flow @ 100 LFM) |
---
## 2. Key Component Features
### A. Push-Pin Mounting System
This model uses a **push-pin** mechanism with a brass or plastic pin and a high-performance compression spring.
* **Advantage:** Provides consistent pressure across the interface (TIM), ensuring optimal heat transfer.
* **Installation:** Requires pre-drilled holes on the PCB (Printed Circuit Board).
### B. Material and Finish
* **Aluminum Construction:** Offers a balance between lightweight design and high thermal conductivity.
* **Blue Anodized Coating:** This is not just for aesthetics; the anodized layer provides corrosion resistance and increases surface emissivity, which slightly improves radiant heat transfer.
### C. Thermal Interface Material (TIM)
The "R0" at the end of the part number typically signifies that the heat sink comes with a **pre-applied thermal interface material** (usually a Phase Change Material or high-performance grease). This ensures there are no air gaps between the component and the heat sink.
---
## 3. Performance Data (Airflow)
Thermal resistance varies based on the velocity of the air moving through the fins:
| Velocity (LFM) | Velocity (m/s) | Thermal Resistance (°C/W) |
| :--- | :--- | :--- |
| 100 | 0.5 | 23.98 |
| 200 | 1.0 | 12.89 |
| 300 | 1.5 | 9.07 |
| 400 | 2.0 | 7.30 |
| 500 | 2.5 | 6.31 |
---
### Summary of Use
This part is ideal for **low-profile applications** where vertical space is limited (only 10mm high) but effective cooling is required for medium-power chips.
- ⤷
How do I calculate the required hole diameter on a PCB for the push-pin mounting?
- ⤷ What is the difference between 'Ducted' and 'Unducted' thermal resistance for this part?
- ⤷ Can this heat sink be used with a custom Thermal Interface Material (TIM)?