công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ATS-07H-65-C2-R0

  • AI
    The **ATS-07H-65-C2-R0** is a specific model of a **High-Performance Heat Sink** manufactured by Advanced Thermal Solutions (ATS). While it is not an active electronic component (like a chip), it is a critical "passive" mechanical part used to manage the electronics' thermal environment. --- ### 1. Technical Specifications The model number encodes specific physical and thermal characteristics: | Property | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) | | **Series** | pushPIN™ Heat Sink Assembly | | **Material** | Aluminum | | **Finish** | Blue Anodized | | **Attachment Method** | Push Pin | | **Dimensions (L x W x H)** | 45mm x 45mm x 24.5mm | | **Thermal Resistance** | 1.42°C/W (at 100 LFM) | --- ### 2. Breakdown of the Model Name The nomenclature **ATS-07H-65-C2-R0** provides detailed information about the part's build: * **ATS**: Brand (Advanced Thermal Solutions). * **07**: Specific series/design index. * **H**: High performance. * **65**: Dimension/Variation code. * **C2**: Refers to the thermal interface material (TIM) and color. "C2" typically indicates a **Blue Anodized** finish and a specific thermal pad (like T766). * **R0**: Version or revision code. --- ### 3. Key Electronic Functions Heat sinks like the ATS-07H-65-C2-R0 are vital for the longevity of electronic circuits: 1. **Thermal Dissipation**: It increases the surface area of a heat-generating component (like a CPU, FPGA, or GPU), allowing the surrounding air to carry heat away more efficiently. 2. **Overheating Prevention**: By maintaining the junction temperature ($T_j$) of a semiconductor below its maximum limit, it prevents thermal throttling and permanent hardware failure. 3. **Mechanical Stability**: The "Push Pin" attachment uses a brass or plastic pin with a compression spring, ensuring a precise amount of pressure is applied to the chip for optimal thermal contact. --- ### 4. Comparison to Standard Heat Sinks | Feature | ATS-07H-65-C2-R0 | Standard Generic Heat Sink | | :--- | :--- | :--- | | **Fin Design** | Cross-cut (High Airflow) | Straight Fin (Passive) | | **Attachment** | Secure Push Pin | Adhesive Tape / Clips | | **Interface** | Pre-applied Thermal Pad | None (Manual Application) | ---
    ✨ Follow-up Questions
    • ⤷What are the mounting hole requirements for this heat sink?
    • ⤷ Can this heat sink be used with a 40mm fan?
    • ⤷ What is the weight of the ATS-07H-65-C2-R0?