ATS-07H-40-C2-R0
AI

The **ATS-07H-40-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or hardware failure.
---
### Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic or Brass) |
| **Thermal Resistance** | 14.56°C/W (Unducted Flow @ 100 LFM) |
| **Shape** | Square Fin |
---
### Physical Dimensions
Proper clearance is vital when integrating this part onto a Printed Circuit Board (PCB).
* **Length:** 45.00 mm
* **Width:** 45.00 mm
* **Height:** 15.00 mm
* **Pitch (Hole spacing):** 38.00 mm
---
### Key Components and Features
1. **High-Efficiency Fins:** The part uses a square fin design which provides a large surface area for heat exchange relative to its height (15mm).
2. **Push-Pin Attachment:** Instead of messy adhesives or difficult clips, it uses a pre-assembled push-pin mechanism. This ensures consistent pressure on the electronic component, improving thermal transfer.
3. **Thermal Interface Material (TIM):** The "-R0" designation typically implies the inclusion of a high-performance **T766 phase-change material** or thermal pad pre-applied to the base, ensuring no air gaps exist between the heat sink and the chip.
4. **Blue Anodized Coating:** This is not just for aesthetics; the anodization increases the surface emissivity and protects the aluminum from corrosion and electrical conductivity risks.
### Application Usage
This part is commonly found in:
* **Embedded Systems:** Industrial PCs where space is limited.
* **Networking Gear:** Routers and switches that require passive or low-airflow cooling.
* **Power Supplies:** Cooling MOSFETs or Voltage Regulators (VRMs).
- ⤷
What is the significance of the 100 LFM airflow rating for this heat sink?
- ⤷ Can the push-pin hardware be replaced with screws for more secure mounting?
- ⤷ How does the 'C2' suffix in the part number affect the material properties?