ATS-07H-35-C2-R0
AI

The **ATS-07H-35-C2-R0** is a high-performance electronic thermal management component, specifically an **Advanced Thermal Solutions (ATS) Heat Sink**. It belongs to the *pushPIN™* series, designed for cooling electronic components like CPUs, GPUs, or power transistors on PCBs.
---
### 1. Technical Specifications
The following table outlines the physical and thermal properties of this specific part:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (Al6063) |
| **Finish** | Blue Anodized |
| **Dimensions (L x W)** | 35.00 mm x 35.00 mm |
| **Height (H)** | 10.00 mm |
| **Pitch / Fin Style** | Fine Pitch (Straight) |
| **Attachment Type** | pushPIN™ (Spring Loaded) |
| **Thermal Resistance** | 12.83°C/W (at 100 LFM) |
---
### 2. Design Breakdown
#### A. Attachment Mechanism (pushPIN™)
This part utilizes a pre-assembled **push-pin and brass spring** system.
- **Purpose:** Ensures consistent pressure (clamping force) on the electronic component for optimal heat transfer.
- **Ease of Use:** It features pre-drilled holes for quick installation, replacing the need for messy adhesives or complex clips.
#### B. Thermal Interface Material (TIM)
The "R0" at the end of the part number indicates the presence of a **T766 phase-change material**.
- This is a factory-applied thermal pad on the bottom of the heat sink.
- It fills microscopic air gaps between the heat sink and the electronic chip to maximize thermal conductivity.
#### C. Fin Geometry
The **Fine Pitch** design provides a large surface area relative to its small 35mm footprint. This is crucial for electronic enclosures with limited space but moderate airflow.
---
### 3. Electronic Application Use-Cases
The ATS-07H-35-C2-R0 is typically used for:
* **Voltage Regulators:** Keeping VRMs cool during high power conversion.
* **Embedded Systems:** Cooling small-form-factor processors.
* **Network Switches:** Thermal management for ASICs and high-speed controllers.
---
### 4. Part Number Decoding
Understanding the nomenclature helps in identifying its features:
| Code | Meaning |
| :--- | :--- |
| **ATS-07** | Series Identifier (Advanced Thermal Solutions) |
| **H** | Hole Pattern (Standardized) |
| **35** | Width/Length (35mm) |
| **C2** | Height and Fin Configuration (10mm Height) |
| **R0** | Thermal Interface Material (T766) and Finish (Blue) |
- ⤷
What are the airflow requirements to achieve the 12.83°C/W thermal resistance?
- ⤷ How does the blue anodized finish affect the electronic performance of the heat sink?
- ⤷ What are the specific hole-to-hole mounting dimensions for this 35mm heat sink?