công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ATS-07H-24-C2-R0

  • AI
    The **ATS-07H-24-C2-R0** is a high-performance electronic thermal management component, specifically an **Aluminum Heat Sink** manufactured by Advanced Thermal Solutions (ATS). ### 1. Technical Specifications The part is designed for cooling electronic components like CPUs, GPUs, or high-power transistors. | Parameter | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions Inc. | | **Part Number** | ATS-07H-24-C2-R0 | | **Material** | Aluminum (AL6063) | | **Finish** | Blue Anodized | | **Attachment Method** | pushPIN™ (Spring-loaded pins) | | **Dimensions (L x W x H)** | 60.00mm x 60.00mm x 20.00mm | | **Thermal Resistance** | 8.37°C/W (Unducted Flow @ 100 LFM) | | **Weight** | ~40.0 grams | --- ### 2. Key Electronic Features * **pushPIN™ Attachment:** This is a proprietary mounting system that ensures even pressure across the surface of the electronic chip, which is critical for maximizing heat transfer through the Thermal Interface Material (TIM). * **Cross-Cut Fin Design:** Unlike straight-line fins, the cross-cut pattern allows for air to flow from multiple directions. This makes it ideal for systems with complex or turbulent internal airflow. * **High-Performance TIM:** Usually comes pre-applied with a high-performance thermal interface material (Phase Change Material) to ensure low thermal resistance between the chip and the aluminum base. * **Compression Springs:** The hardware includes precisely engineered springs that provide the exact amount of force required for secure mounting without damaging the delicate PCB or the silicon die. --- ### 3. Application Use Cases This specific heat sink is typically used in: 1. **Networking Hardware:** High-speed routers and switches. 2. **Embedded Systems:** Industrial PCs and automation controllers. 3. **Power Electronics:** Voltage regulators and high-density power modules. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between ducted and unducted thermal resistance for this part?
    • ⤷ How do I choose the correct pushPIN size for my PCB thickness?
    • ⤷ Can this heat sink be used with a cooling fan?