ATS-07H-06-C2-R0
AI

The **ATS-07H-06-C2-R0** is a specific part number for a high-performance **Heatsink** manufactured by **Advanced Thermal Solutions (ATS)**. It is part of their "push-pin" attachment series designed for cooling electronic components like CPUs, GPUs, and high-power chipsets.
---
### Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic) |
| **Dimensions (L x W x H)** | 45mm x 45mm x 25mm |
| **Thermal Resistance (Flowing Air)** | ~2.01 °C/W @ 200 LFM |
| **Thermal Resistance (Static Air)** | ~14.90 °C/W |
| **Spring Type** | Compression Spring |
---
### Key Components & Features
#### 1. Heat Sink Body (Aluminum)
The main body is constructed from high-grade aluminum. Aluminum is preferred for its excellent thermal conductivity and lightweight properties. The **Blue Anodized** finish isn't just for aesthetics; it provides a protective layer against corrosion and slightly increases emissivity for better radiation heat transfer.
#### 2. Fin Design (Fine Pitch)
The "06" in the part number typically refers to a specific fin configuration. ATS uses a high-aspect-ratio fin design to maximize the surface area within a compact 45mm footprint, allowing for superior heat dissipation in forced-convection (fan-cooled) environments.
#### 3. Attachment Mechanism: Push-Pins
The "H" in the part number indicates a specific hole pattern or attachment style.
* **Plastic Push-Pins:** These allow for tool-less installation into pre-drilled holes on the PCB.
* **Compression Springs:** These ensure a consistent and reliable downward pressure on the electronic component (die or package), which is critical for maintaining a thin, even layer of thermal interface material.
#### 4. Thermal Interface Material (TIM)
The "C2" suffix indicates that the part typically comes with **T766 Phase Change Material** or a similar high-performance thermal pad pre-applied to the base. This fills microscopic air gaps between the chip and the heatsink.
---
### Usage in Electronics
* **BGA Cooling:** Primarily used for Ball Grid Array (BGA) components.
* **Voltage Regulators:** Cooling high-wattage power management ICs.
* **FPGA/ASIC:** Standard cooling for logic devices in networking and industrial telecommunications equipment.
---
- ⤷
What are the benefits of using a blue anodized finish on a heatsink?
- ⤷ How does 'forced convection' affect the thermal resistance of the ATS-07H-06-C2-R0?
- ⤷ What is the difference between push-pin and adhesive-based heatsink attachments?