ATS-07G-89-C2-R0
AI

The **ATS-07G-89-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is designed for cooling electronic components, specifically those in the BGA (Ball Grid Array) package family.
---
### 1. Technical Specifications
Below are the primary mechanical and thermal specifications for this part:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Dimensions (L x W)** | 35.00mm x 35.00mm |
| **Height** | 20.00mm |
| **Attachment Method** | Push-Pin (Plastic) |
| **Spring Type** | Compression Spring |
| **Thermal Resistance** | 7.94° C/W (@ 100 LFM) |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
### 2. Key Component Features
#### A. Fin Design: Straight Fin
This model utilizes a **straight-fin** geometry. Straight fins are ideal for "undirected" airflow or environments where the air moves in a consistent path across the board. The spacing is optimized to minimize pressure drop while maximizing surface area.
#### B. Attachment: Push-Pin and Spring
Unlike adhesive-based heat sinks, the `-R0` series uses a mechanical attachment system:
* **Push-Pins:** Plastic pins that snap into pre-drilled holes on the PCB.
* **Compression Springs:** These ensure a consistent, high-pressure contact between the heat sink base and the electronic component (CPU, GPU, or ASIC), which is critical for efficient heat transfer.
#### C. Thermal Interface Material (TIM)
The part comes with **T766** pre-applied to the base. This eliminates the need for manual thermal paste application, ensuring a uniform layer that fills microscopic air gaps between the component and the metal.
---
### 3. Electronic Applications
The ATS-07G-89-C2-R0 is typically used for the following electronic parts:
1. **Processors:** High-speed ARM processors or microcontrollers.
2. **FPGAs/ASICs:** Field Programmable Gate Arrays that generate significant heat in small footprints.
3. **Power Electronics:** Voltage regulators or high-speed switching components.
4. **Networking Chips:** Southbridge or Northbridge-style chipsets on motherboards.
---
### 4. Thermal Performance Data
Performance varies based on the Air Velocity (Measured in Linear Feet per Minute - LFM):
| Airflow (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (0.5 m/s) | 7.94 |
| 300 (1.5 m/s) | 3.23 |
| 500 (2.5 m/s) | 2.32 |
- ⤷
How do I determine the correct hole pattern on my PCB for this push-pin heat sink?
- ⤷ Can the T766 thermal interface material be replaced with a different compound?
- ⤷ What are the advantages of blue anodizing over a natural aluminum finish?