ATS-07G-40-C2-R0
AI

The **ATS-07G-40-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or high-power transistors.
---
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and thermal characteristics:
| Parameter | Specification | Details |
| :--- | :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions | Model Series: pushPIN™ |
| **Material** | Aluminum | Blue Anodized Finish |
| **Attachment Method** | pushPIN™ | Spring-loaded plastic pegs |
| **Dimensions (L x W)** | 40mm x 40mm | Square footprint |
| **Height (H)** | 15mm | Low profile design |
| **Fin Style** | Straight Fin | Optimized for directional airflow |
| **Thermal Resistance** | 14.55 °C/W (Unducted) | Performance at 100 LFM |
---
### 2. Design and Components
The ATS-07G-40-C2-R0 consists of several key electronic packaging elements:
* **The Heat Sink Body:** Constructed from high-quality aluminum to provide high thermal conductivity while remaining lightweight.
* **Thermal Interface Material (TIM):** This specific model typically comes with **T766** pre-applied. This is a phase-change material that fills microscopic air gaps between the component and the heat sink.
* **pushPIN™ Attachment:** Instead of messy adhesives or heavy screws, it uses a brass or plastic pin with a high-tension spring. This ensures constant, uniform pressure (load) on the electronic chip, which is critical for heat transfer.
---
### 3. Thermal Performance (Airflow Data)
Thermal resistance varies based on the velocity of the air passing through the fins (measured in Linear Feet per Minute - LFM):
| Velocity (LFM) | Resistance (Unducted) | Resistance (Ducted) |
| :--- | :--- | :--- |
| 100 | 14.55 °C/W | 2.48 °C/W |
| 200 | 5.08 °C/W | 1.99 °C/W |
| 300 | 3.01 °C/W | 1.72 °C/W |
| 500 | 1.91 °C/W | 1.45 °C/W |
---
### 4. Application Use Cases
This component is generally used in:
* **Embedded Systems:** For cooling SoCs (System on Chips).
* **Telecommunications:** Cooling signal processing units in switches or routers.
* **Power Electronics:** Dissipating heat from MOSFETs or voltage regulators.
- ⤷
What are the advantages of using pushPIN™ mounts over traditional adhesive thermal tapes?
- ⤷ How does the 'Ducted' vs 'Unducted' thermal resistance impact system design?
- ⤷ Can the T766 thermal interface material be replaced with standard thermal paste?