công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ATS-07G-30-C2-R0

  • AI
    The **ATS-07G-30-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "pushPIN™" series, designed for cooling electronic components such as CPUs, GPUs, and other integrated circuits. --- ### 1. Technical Specifications Below is a breakdown of the physical and thermal properties of the component: | Feature | Specification | | :--- | :--- | | **Material** | Aluminum (AL6063) | | **Finish** | Blue Anodized | | **Attachment Method** | pushPIN™ (Spring-loaded) | | **Dimensions (L x W x H)** | 70.0mm x 70.0mm x 25.0mm | | **Thermal Resistance** | 5.31°C/W (at 100 LFM) | | **Weight** | ~95 grams | | **Regulatory** | RoHS & REACH Compliant | --- ### 2. Design and Component Features #### A. The Heat Sink Body The device utilizes a **cross-cut fin pattern**. This design allows for multidirectional airflow, making it highly efficient in crowded PCB environments where the direction of the cooling fan's exhaust might vary. #### B. The pushPIN™ Attachment System Instead of using messy adhesives or permanent solder, this part uses a proprietary mechanical attachment: * **Compression Springs:** Ensure even pressure across the thermal interface material (TIM). * **Plastic/Brass Push Pins:** These lock into pre-drilled holes in the PCB, providing a secure, vibration-resistant fit. #### C. Thermal Interface Material (TIM) The "C2" in the part number indicates that the unit comes with **T766 Phase Change Material**. This is pre-applied to the base of the heat sink to ensure maximum heat transfer from the electronic component to the aluminum fins. --- ### 3. Application Use Cases This specific part is typically found in the following electronic systems: * **Telecommunications:** Cooling for high-speed routers and switches. * **Industrial Power:** Used for power modules and motor controllers. * **Computing:** Secondary cooling for chipsets or high-performance voltage regulators. ---
    ✨ Follow-up Questions
    • ⤷ What are the different types of Thermal Interface Materials available for this series?
    • ⤷ How do I calculate the correct hole spacing on a PCB for the pushPIN attachment?
    • ⤷ What is the difference between blue anodized and gold anodized finishes in terms of thermal performance?