công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ATS-07F-78-C2-R0

  • AI
    The **ATS-07F-78-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or high-power transistors. --- ## 1. Technical Specifications The part number follows a specific nomenclature used by ATS to describe its physical and thermal properties. | Specification | Details | | :--- | :--- | | **Product Type** | pushPIN™ Heat Sink | | **Material** | Aluminum (AL6063) | | **Finish** | Blue Anodized | | **Dimensions** | 25mm x 25mm x 25mm | | **Pitch** | Fine Pitch (High density fins) | | **Attachment Type** | pushPIN™ (Spring-loaded) | | **Thermal Resistance** | ~7.71 °C/W (at 100 LFM) | --- ## 2. Key Features ### A. pushPIN™ Attachment System This part uses a proprietary attachment mechanism designed for easy installation and high pressure. * **Spring-loaded:** Uses a stainless steel spring to provide consistent pressure on the electronic component. * **Plastic/Brass Push Pins:** Secured through pre-drilled holes in the PCB. ### B. High-Performance Fin Design The "78" in the part number refers to a specific fin pattern. These are typically **Straight Fin** or **Cross-Cut** designs that maximize surface area while allowing airflow to pass through with minimal resistance. ### C. Phase Change Material (TIM) Most "C2" variants come pre-applied with a **Thermal Interface Material (TIM)**. This fills the microscopic air gaps between the heat sink base and the chip to improve heat transfer. --- ## 3. Application Use Cases This specific heat sink is categorized as a small-form-factor solution, ideal for: 1. **Networking Equipment:** Routers, switches, and small servers. 2. **Embedded Systems:** Industrial PCs where vertical space (25mm height) is available. 3. **Power Electronics:** Cooling MOSFETs or Voltage Regulators (VRMs). --- ## 4. Mechanical Drawing Reference * **Length (A):** 25.0 mm * **Width (B):** 25.0 mm * **Height (C):** 25.0 mm * **Hole Pattern (E/F):** 30.0 mm / 30.0 mm (standard spacing for the push-pins)
    ✨ Follow-up Questions
    • ⤷ What are the alternative attachment methods for ATS heat sinks if I don't have PCB holes?
    • ⤷ How does the 'Blue Anodized' finish affect thermal performance compared to bare aluminum?
    • ⤷ Can this heat sink be used with a fan for active cooling?