công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ATS-07F-74-C3-R0

  • AI
    The **ATS-07F-74-C3-R0** is a high-performance electronic component specifically categorized as a **Heat Sink**. It is part of the "pushPIN™" series manufactured by **Advanced Thermal Solutions (ATS)**. Below is a detailed breakdown of its specifications, materials, and mechanical properties. --- ### 1. Technical Specifications This heat sink is designed for effective thermal management in compact electronic environments (like PCBs or high-speed processors). | Feature | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions Inc. | | **Series** | pushPIN™ | | **Material** | Aluminum | | **Finish** | Blue Anodized | | **Attachment Method** | pushPIN™ (Spring-loaded pins) | | **Thermal Resistance** | 8.90°C/W (at 100 LFM) | | **Flow Pattern** | Fine Pitch (cross-cut for multi-directional airflow) | --- ### 2. Physical Dimensions Precision in dimensions is critical for ensuring the component fits within the footprint of the electronic device without interfering with neighboring parts. | Dimension | Measurement | | :--- | :--- | | **Length (Base)** | 25.00 mm | | **Width (Base)** | 25.00 mm | | **Height (Fin)** | 25.00 mm | | **Pitch (Hole-to-Hole)** | 30.00 mm | --- ### 3. Key Electronic/Thermal Features * **Thermal Interface Material (TIM):** This specific model typically comes with **T412** pre-applied. T412 is a high-performance thermal tape/grease that ensures maximum heat transfer from the electronic component (CPU/GPU/Transistor) to the aluminum sink. * **Push-Pin Attachment:** Instead of messy adhesives or complex screws, it uses a spring-loaded pin system. This provides consistent pressure across the component surface, which is vital for thermal efficiency and prevents damage to the silicon die. * **Material Efficiency:** The use of **6063 Aluminum** provides a high strength-to-weight ratio and excellent thermal conductivity. --- ### 4. Part Number Breakdown: `ATS-07F-74-C3-R0` * **ATS**: Advanced Thermal Solutions. * **07**: Series/Version identifier. * **F**: Fine pitch fin configuration. * **74**: Specific dimension/height code. * **C3**: Thermal Interface Material type and color code (C3 usually denotes a specific performance grade). * **R0**: Revision or RoHS compliance status.
    ✨ Follow-up Questions
    • ⤷ What are the airflow requirements to achieve the 8.90°C/W thermal resistance?
    • ⤷ How does the pushPIN™ system compare to traditional adhesive-based mounting?
    • ⤷ Is this heat sink suitable for high-vibration environments like automotive electronics?