ATS-07F-55-C2-R0
AI

The **ATS-07F-55-C2-R0** is a specific electronic component categorized as a **High-Performance Heat Sink**, manufactured by **Advanced Thermal Solutions (ATS)**. It is part of their "push-pin" attachment series designed for cooling electronic components like CPUs, GPUs, and high-power chipsets.
---
### 1. Technical Specifications
Below are the primary technical parameters of the ATS-07F-55-C2-R0:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (Blue Anodized) |
| **Dimensions (L x W)** | 35mm x 35mm |
| **Height** | 10.00mm |
| **Attachment Type** | Push-Pin (Plastic) |
| **Thermal Resistance** | 23.98°C/W (Natural Convection) |
| **Fin Style** | XCUT (Cross-cut) |
| **Thermal Interface Material** | T766 (Pre-applied) |
---
### 2. Physical Design and Features
* **XCUT Fin Pattern:** The "XCUT" geometry creates a cross-cut fin design. This increases the surface area for heat dissipation and allows for omnidirectional airflow, making it efficient regardless of the direction the cooling fan is blowing.
* **Push-Pin Mounting:** It utilizes a plastic push-pin mechanism with a spring. This provides consistent pressure across the component surface, ensuring optimal thermal contact while allowing for easy installation.
* **Blue Anodized Finish:** The surface is chemically treated (anodized) to improve corrosion resistance and increase surface emissivity, which slightly improves radiant heat transfer.
* **Pre-Applied Thermal Material:** It comes with **T766 thermal phase change material**, eliminating the need for separate thermal paste application.
---
### 3. Thermal Performance Analysis
The performance of the heat sink varies based on the airflow (Measured in Linear Feet per Minute - LFM):
| Airflow (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| **200 (1.0 m/s)** | 4.43 |
| **400 (2.0 m/s)** | 2.52 |
| **600 (3.0 m/s)** | 1.88 |
| **800 (4.0 m/s)** | 1.55 |
---
### 4. Part Number Breakdown
Understanding the ATS nomenclature:
* **ATS:** Manufacturer (Advanced Thermal Solutions).
* **07:** Series number.
* **F:** Fin style/Pitch.
* **55:** Dimension/Shape indicator.
* **C2:** Material/Finish (Aluminum Blue Anodized).
* **R0:** Revision or Packaging code.
- ⤷
What are the PCB hole requirements for mounting this push-pin heat sink?
- ⤷ How does XCUT fin geometry compare to straight fin designs in terms of efficiency?
- ⤷ Can the T766 thermal material be replaced with standard thermal grease if reused?