ATS-07F-52-C3-R0
AI

The **ATS-07F-52-C3-R0** is a high-performance electronic thermal management component. Specifically, it is a **Heatsink** designed for cooling integrated circuits (ICs) and other electronic components.
Produced by **Advanced Thermal Solutions (ATS)**, this part belongs to their "push pin" series, designed for secure mechanical attachment to a Printed Circuit Board (PCB).
---
### Technical Specifications
| Feature | Details |
| :--- | :--- |
| **Part Number** | ATS-07F-52-C3-R0 |
| **Component Type** | Passive Heatsink |
| **Material** | Aluminum (Anodized Blue) |
| **Attachment Method** | Push Pin (Plastic) |
| **Fins / Pattern** | Straight Fin |
| **Thermal Resistance** | Approx. 10.8°C/W (at 100 LFM) |
| **Dimensions (L x W x H)** | 35mm x 35mm x 25mm |
| **Thermal Interface Material (TIM)** | T412 (Phase Change Material) |
---
### Key Electronic & Mechanical Components
#### 1. Heat Sink Body (Aluminum)
The core of the part is extruded aluminum. Aluminum is chosen for its high thermal conductivity and lightweight properties. The **Blue Anodized** finish is not just for aesthetics; it provides a protective layer against corrosion and slightly increases emissivity for better radiation cooling.
#### 2. Push Pin Mechanism
Unlike adhesive-based heatsinks, the `-R0` suffix indicates a mechanical mounting system:
* **Plastic Push Pins:** Used to snap through pre-drilled holes in the PCB.
* **Springs:** Each push pin is equipped with a compression spring to ensure constant, even pressure between the heatsink and the electronic chip, which is critical for efficient heat transfer.
#### 3. Thermal Interface Material (TIM)
The base of this part comes pre-applied with **T412**, a high-performance thermal pad.
* **Function:** It fills microscopic air gaps between the chip surface and the heatsink base.
* **Performance:** T412 is a "Phase Change" material that softens at operating temperatures to provide low thermal impedance.
---
### Application in Electronics
This specific heatsink is typically found in:
* **Networking Equipment:** Routers, switches, and bridges.
* **Power Supplies:** Cooling MOSFETs or voltage regulators.
* **Embedded Systems:** Industrial PCs and controllers where passive cooling is required for longevity.
---
- ⤷What is the difference between the T412 and T766 thermal interface materials used in ATS heatsinks?
- ⤷ How do I calculate the correct hole diameter on a PCB for the ATS push pin system?
- ⤷ What are the advantages of straight-fin versus cross-cut fin designs for this model?