ATS-07F-35-C2-R0
AI

The **ATS-07F-35-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or hardware failure.
---
## 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and thermal characteristics.
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Dimensions (L x W)** | 36.83mm x 36.83mm |
| **Height** | 12.70mm |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Thermal Resistance** | 22.48°C/W (at 100 LFM) |
| **Fin Style** | XC-Cut (Cross-cut) |
---
## 2. Key Component Features
### A. pushPIN™ Attachment System
Unlike adhesive tapes or simple clips, this model uses the **pushPIN™** system. This consists of:
* **Compression Springs:** Provide precise pressure to ensure maximum surface contact between the heat sink and the component.
* **Plastic/Brass Pins:** Secure the heat sink through pre-drilled holes in the PCB.
### B. Fin Design (XC-Cut)
The "XC-Cut" refers to a cross-cut straight fin design. This is optimized for **omni-directional airflow**, meaning the heat sink performs well regardless of which direction the cooling fan is blowing across the board.
### C. Thermal Interface Material (TIM)
The "R0" suffix usually indicates that the unit comes with a pre-applied **Thermal Interface Material** (typically a high-performance phase-change material or grease). This eliminates the need for manual application and ensures a low-resistance path for heat to move from the chip to the aluminum fins.
---
## 3. Application Use Cases
This specific heat sink is categorized as a "High-Flow" solution for medium-sized components.
1. **Telecommunications:** Used on high-speed networking chips and routers.
2. **Embedded Computing:** Cooling processors on industrial motherboards.
3. **Power Electronics:** Dissipating heat from Voltage Regulator Modules (VRMs).
---
## 4. Performance Data (Airflow)
Thermal resistance decreases as airflow (Measured in Linear Feet per Minute - LFM) increases:
| Air Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (0.5 m/s) | 22.48 |
| 300 (1.5 m/s) | 6.62 |
| 500 (2.5 m/s) | 4.30 |
- ⤷
What are the PCB hole requirements for the pushPIN attachment?
- ⤷ How does the blue anodized finish affect thermal performance compared to bare aluminum?
- ⤷ Can this heat sink be used with a custom thermal pad instead of the pre-applied TIM?