ATS-07F-33-C3-R0
AI

The **ATS-07F-33-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions Inc.*
---
### 1. Technical Specifications
The following table summarizes the physical and thermal properties of this specific part:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum |
| **Fin Style** | XC (Cross-Cut) |
| **Attachment Method** | Push-Pin (Spring Loaded) |
| **Thermal Resistance** | 17.50°C/W (Unducted Flow @ 100 LFM) |
| **Dimensions (L x W)** | 54.00 mm x 54.00 mm |
| **Height (Off Base)** | 15.00 mm |
| **Finish** | Blue Anodized |
---
### 2. Key Components & Features
#### A. The pushPIN™ Attachment
Unlike adhesive tapes or clips, this model uses a **Push-Pin** system.
- **Hardware:** It typically uses brass or plastic pins with a stainless steel spring.
- **Benefit:** It provides uniform pressure across the component (TIM - Thermal Interface Material), ensuring better heat transfer and mechanical stability during vibration.
#### B. Fin Design (XC - Cross-Cut)
The "XC" designation refers to the fin geometry.
- **Efficiency:** The cross-cut pattern allows for better airflow from multiple directions compared to straight-fin designs.
- **Application:** Ideal for dense PCB environments where airflow direction may be unpredictable or turbulent.
#### C. Material and Coating
- **Aluminum:** Chosen for its excellent balance between thermal conductivity, weight, and cost.
- **Blue Anodized:** The blue coating is not just aesthetic; anodizing protects the aluminum from corrosion and slightly increases emissivity for better radiant heat loss.
---
### 3. Part Number Breakdown
The part number follows a specific nomenclature used by ATS:
| Segment | Meaning |
| :--- | :--- |
| **ATS** | Manufacturer Prefix |
| **07** | Series/Version |
| **F** | Attachment Type (Push-Pin) |
| **33** | Dimension/Design Code |
| **C3** | Thermal Interface Material (TIM) / Color Code |
| **R0** | RoHS Compliant / Revision |
---
### 4. Typical Applications
This heat sink is designed for medium-to-large surface area components that generate significant heat but have low vertical clearance (only 15mm high). Common uses include:
* **CPUs/GPUs** in embedded systems.
* **FPGAs** (Field Programmable Gate Arrays).
* **Telecommunications** equipment (Routers/Switches).
* **Power Supplies** and high-speed motor controllers.
- ⤷
What are the different types of Thermal Interface Materials (TIM) used with this heat sink?
- ⤷ How do I calculate if the 17.50°C/W thermal resistance is sufficient for my chip?
- ⤷ What are the mechanical advantages of push-pin mounting over thermal tape?