ATS-07F-32-C2-R0
AI

The **ATS-07F-32-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or hardware failure.
---
### 1. Technical Specifications
The part number follows a specific nomenclature used by Advanced Thermal Solutions. Below are the key specifications:
| Parameter | Specification | Details |
| :--- | :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. | Part of the "pushPIN™" Series |
| **Material** | Aluminum | Blue Anodized Finish |
| **Attachment Method** | pushPIN™ | Spring-loaded plastic/brass pins |
| **Thermal Resistance** | 21.46° C/W (@ 100 LFM) | Rate of heat transfer (Unducted) |
| **Dimensions** | 54mm x 54mm | Footprint size |
| **Height** | 12.7mm | Low-profile design |
| **Fin Type** | XCUT | Cross-cut pattern for multi-directional airflow |
---
### 2. Physical Design Features
The component is engineered with several distinct electronic cooling features:
* **XCUT Fin Geometry:** The fins are cut in a cross pattern. This is critical for electronic enclosures where airflow direction might be inconsistent, as it allows air to enter and exit from multiple angles.
* **pushPIN™ Attachment:** Instead of messy thermal glue or simple clips, it uses a precise spring-loaded mechanism. This ensures **consistent pressure** across the component surface, which optimizes the thermal interface material (TIM) performance.
* **Pre-applied TIM:** Usually comes with a high-performance phase-change thermal interface material pre-applied to the base to simplify assembly.
---
### 3. Thermal Performance Comparison
Thermal resistance varies based on the Airflow (Measured in Linear Feet per Minute - LFM):
| Velocity (LFM) | Velocity (m/s) | Thermal Resistance (°C/W) |
| :--- | :--- | :--- |
| 100 | 0.5 | 21.46 |
| 300 | 1.5 | 6.07 |
| 500 | 2.5 | 3.66 |
| 700 | 3.5 | 2.69 |
---
### 4. Typical Applications
This specific part is used in high-density electronic environments such as:
1. **Telecommunications:** Cooling of high-speed networking chips.
2. **Embedded Systems:** For industrial PCs where space is limited but heat loads are high.
3. **Power Supplies:** Heat dissipation for MOSFETs or voltage regulators.
- ⤷
What is the difference between XCUT and Straight Fin heat sinks?
- ⤷ How do I calculate the required LFM for my specific chip wattage?
- ⤷ Are there alternative attachment methods if my PCB lacks pushPIN holes?