ATS-07F-26-C2-R0
AI

The **ATS-07F-26-C2-R0** is a high-performance electronic thermal management component, specifically an **Advanced Thermal Solutions (ATS) push-pin heatsink**. It is designed to dissipate heat from electronic components like CPUs, GPUs, or high-power transistors.
---
### 1. Technical Specifications
The part number reveals specific physical and thermal characteristics defined by the manufacturer:
| Parameter | Specification |
| :--- | :--- |
| **Material** | Aluminum (Blue Anodized) |
| **Dimensions** | 40mm x 40mm x 15mm |
| **Fin Style** | Straight Fin (provides high surface area) |
| **Attachment Type** | Push-Pin (spring-loaded) |
| **Thermal Resistance** | 14.20 °C/W (undirected airflow) to 2.02 °C/W (ducted) |
| **Thermal Interface Material** | T766 (Pre-applied phase-change material) |
---
### 2. Key Electronic Components & Features
#### A. The Heatsink Body
* **Material:** Made of high-grade aluminum for light weight and high thermal conductivity.
* **Surface Treatment:** The "Blue Anodized" finish is not just aesthetic; it increases the surface emissivity, slightly improving radiation cooling and protecting against corrosion.
#### B. The Push-Pin Mounting System
Instead of using messy adhesives or permanent solder, this part uses a mechanical mounting system:
* **Plastic/Brass Push-Pins:** Inserted through pre-drilled holes in the Printed Circuit Board (PCB).
* **Springs:** Provide "Constant Pressure" (7-10 lbs/sq inch), ensuring the heatsink maintains perfect contact with the electronic chip regardless of vibration or thermal expansion.
#### C. Thermal Interface Material (TIM)
* **T766:** This part comes with a pre-applied layer of T766. This is a "Phase Change Material" that softens when the electronic component gets hot, filling microscopic air gaps between the chip and the metal to maximize heat transfer.
---
### 3. Application Use Cases
This specific heatsink is typically used in environments where airflow is controlled, such as:
1. **Network Switches/Routers:** Cooling the main processing ASICs.
2. **Power Supplies:** Managing heat for MOSFETs or Rectifiers.
3. **Embedded Systems:** Industrial PCs where mechanical stability (push-pins) is required over adhesive tapes.
---
### 4. Dimensional Drawing Summary
* **Height:** 15.00 mm (Low profile for 1U/2U server racks).
* **Base:** 40.00 mm x 40.00 mm.
* **Hole Pattern:** Designed for standard PCB mounting distances (usually 33mm centers for this series).
- ⤷
What is the thermal resistance of this heatsink at different airflow speeds (LFM)?
- ⤷ Can the T766 thermal interface material be reused if the heatsink is removed?
- ⤷ What are the advantages of push-pin mounting versus thermal tape?