ATS-07F-175-C2-R0
AI

The **ATS-07F-175-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or hardware failure.
---
### 1. Technical Specifications
The part number follows a specific nomenclature used by ATS to define the dimensions and thermal characteristics of the device.
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ HS Assembly |
| **Material** | Aluminum (Lightweight and high conductivity) |
| **Finish** | Blue Anodized (Increases surface emissivity) |
| **Dimensions (L x W x H)** | 35.00mm x 35.00mm x 10.00mm |
| **Attachment Method** | Push-Pin (Easy mechanical mounting) |
| **Thermal Resistance** | 13.52°C/W (Natural Convection) |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied thermal grease) |
---
### 2. Key Design Features
#### A. Fin Profile (Straight Fin)
The "175" in the part number indicates a specific fin pattern. These fins increase the surface area available for heat transfer. Straight fin designs are optimized for **unidirectional airflow**, meaning they work best when a fan is blowing directly across the rows.
#### B. Push-Pin Attachment
Instead of using messy adhesives or permanent solder, this part uses a mechanical **Push-Pin and Spring** mechanism:
* **Reliability:** Provides consistent pressure (clamping force) against the chip.
* **Serviceability:** Allows for the heat sink to be removed or replaced without damaging the PCB.
* **Hole Pattern:** Usually fits standard PCB hole spacings (in this case, 40.00mm).
#### C. Thermal Interface Material (TIM)
The unit comes with **T766 pre-applied**. This is a phase-change material or high-performance grease that fills microscopic air gaps between the component and the heat sink, significantly lowering thermal impedance.
---
### 3. Application Use-Cases
This specific heat sink is categorized as a "Low Profile" solution (10mm height), making it ideal for:
* **1U Servers:** Where vertical space is extremely limited.
* **Embedded Systems:** Industrial PCs and small form factor (SFF) boards.
* **Telecommunications:** Cooling ASICs and FPGAs in networking switches.
---
### 4. Thermal Performance Overview
As airflow increases (measured in Linear Feet per Minute - LFM), the thermal resistance drops significantly:
| Airflow (LFM) | Velocity (m/s) | Thermal Resistance (°C/W) |
| :--- | :--- | :--- |
| 100 | 0.5 | 13.52 |
| 300 | 1.5 | 5.13 |
| 500 | 2.5 | 3.63 |
- ⤷
How does the blue anodized finish impact the thermal performance?
- ⤷ What is the specific PCB hole pattern required for the push-pin mounting?
- ⤷ Can this heat sink be used with a custom thermal pad instead of the pre-applied T766?