ATS-07F-174-C2-R0
AI

The **ATS-07F-174-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic integrated circuits (ICs) to prevent thermal throttling or component failure.
---
### 1. Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push Pin |
| **Dimensions (L x W x H)** | 30.00mm x 30.00mm x 35.00mm |
| **Fin Style** | Fine Pitch (Square Pattern) |
| **Thermal Resistance** | 3.10°C/W (at 100 LFM) |
---
### 2. Key Features and Design
#### A. pushPIN™ Attachment System
This part utilizes a "Push Pin" mechanism which ensures a secure fit onto the Printed Circuit Board (PCB).
* **Spring-Loaded:** Provides consistent pressure across the interface to optimize thermal transfer.
* **Hardware:** Usually paired with brass or plastic pins and a high-performance spring.
#### B. Material and Finish
* **Aluminum 6063:** Chosen for its excellent thermal conductivity and lightweight properties.
* **Blue Anodized Coating:** Not only provides aesthetic appeal but also increases corrosion resistance and surface emissivity, slightly improving radiant heat transfer.
#### C. Fine Pitch Fin Design
The "F" in the part number indicates a fine-pitch fin geometry. This design maximizes the surface area within a small 30x30mm footprint, making it ideal for high-density electronic assemblies where airflow might be constrained but high performance is required.
---
### 3. Thermal Performance (Typical)
The efficiency of this heat sink depends on the airflow (measured in Linear Feet per Minute - LFM):
* **Unducted Flow (100 LFM):** ~3.10 °C/W
* **Unducted Flow (200 LFM):** ~2.30 °C/W
* **Unducted Flow (500 LFM):** ~1.40 °C/W
---
### 4. Typical Applications
* **CPUs and GPUs:** For small form-factor embedded systems.
* **Telecommunications:** Cooling of high-speed data processing chips.
* **Power Supplies:** Managing heat in MOSFETs or voltage regulators.
* **Industrial Controls:** Ensuring reliability in 24/7 operating environments.
---
- ⤷
What is the significance of the 'C2' designation in the ATS part numbering system?
- ⤷ How do I calculate the required airflow (LFM) for this heat sink based on my chip's TDP?
- ⤷ Are there alternative attachment methods like thermal tape available for this specific model?