ATS-07F-154-C2-R0
AI

The **ATS-07F-154-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or hardware failure.
---
### 1. Technical Specifications
The part number encodes specific physical and thermal characteristics. Here is the breakdown of its technical profile:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Fin Style** | Fine Pitch (Cross-Cut) |
| **Thermal Resistance** | 7.51°C/W (Unducted Flow @ 100 LFM) |
| **Dimensions** | 40mm x 40mm x 15mm |
---
### 2. Physical Design and Dimensions
The "C2" in the part number indicates the material and finish, while the "R0" typically refers to the revision or packaging style.
* **Footprint:** 40mm x 40mm square base.
* **Height:** 15.00mm (Low profile, suitable for 1U or 2U server rack enclosures).
* **Fin Pattern:** It uses a **square-fin (cross-cut)** pattern. This design allows air to flow from multiple directions (omnidirectional), which is ideal for systems where the airflow direction might be inconsistent.
---
### 3. Electronic Attachment System: pushPIN™
Unlike adhesive-based heat sinks, this model uses the **pushPIN™** system, which is critical for electronic reliability:
* **Mechanical Stability:** Uses a brass or plastic pin with a high-tension compression spring.
* **Thermal Interface Material (TIM):** Usually comes pre-applied with **T766** (a high-performance thermal phase-change material) to ensure no air gaps exist between the chip and the aluminum base.
* **Reusability:** Allows for the heat sink to be removed and reattached during maintenance without damaging the PCB (Printed Circuit Board).
---
### 4. Thermal Performance Comparison
Thermal resistance is measured in °C/W (degrees Celsius per Watt). A lower number indicates better cooling efficiency.
| Airflow Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (0.5 m/s) | 7.51 |
| 300 (1.5 m/s) | 3.43 |
| 500 (2.5 m/s) | 2.53 |
| 700 (3.5 m/s) | 2.11 |
---
### 5. Common Applications
* **Telecommunications:** Cooling of high-speed networking ASICs.
* **Embedded Computing:** Industrial PCs where fans might be small or distant.
* **Power Supplies:** Heat dissipation for MOSFETs and voltage regulators.
- ⤷
What is the difference between blue anodized and black anodized finishes in terms of thermal performance?
- ⤷ How do I calculate the required LFM for my specific processor wattage using this heat sink?
- ⤷ Are there alternative attachment methods if my PCB does not have pre-drilled holes for pushPINs?