ATS-07F-152-C2-R0
AI

The **ATS-07F-152-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "push pin" series designed to cool electronic components such as CPUs, GPUs, and other high-power ICs.
---
### 1. Technical Specifications
Below are the primary physical and thermal characteristics of this component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (Blue Anodized) |
| **Dimensions** | 35mm x 35mm x 25mm |
| **Fin Style** | Straight (High-density) |
| **Attachment Method** | Push Pin (with Spring) |
| **Thermal Resistance** | 3.32°C/W (at 200 LFM) |
| **TIM (Thermal Interface Material)** | T766 (Pre-applied) |
---
### 2. Breakdown of the Model Code
The part number can be decoded to understand its specific configuration:
* **ATS**: Manufacturer (Advanced Thermal Solutions).
* **07**: Series identifier (Push-pin type).
* **F**: Fin pitch/density characteristic.
* **152**: Specific dimensions and internal footprint code.
* **C2**: Finish and Material (typically signifies Blue Anodized Aluminum).
* **R0**: RoHS compliance status.
---
### 3. Key Electronic/Mechanical Features
#### A. Push Pin Attachment
Unlike adhesive tapes that can fail under high heat, the **push pin and brass spring** system provides a constant, reliable pressure. This ensures optimal contact between the heat sink and the electronic component, maximizing heat transfer.
#### B. Thermal Interface Material (TIM)
The unit comes with **T766 phase-change material** pre-applied to the base. This material fills microscopic air gaps between the chip and the heat sink, significantly reducing thermal resistance compared to air.
#### C. Aerodynamic Fin Design
The straight fins are optimized for **forced air cooling** (active airflow from fans). The spacing is engineered to minimize pressure drop while maximizing the surface area available for heat dissipation.
---
### 4. Typical Applications
* **Networking Gear:** Cooling ASICs in switches and routers.
* **Power Supplies:** Heat management for MOSFETs or high-speed regulators.
* **Embedded Systems:** Industrial PCs where mechanical vibration resistance is required (provided by the push-pin mount).
- ⤷
What is the hole-to-hole mounting distance for the ATS-07F-152-C2-R0?
- ⤷ How does the T766 TIM compare to standard thermal grease?
- ⤷ Can this heat sink be used for passive cooling without a fan?