ATS-07F-14-C2-R0
AI

The **ATS-07F-14-C2-R0** is a specific electronic component manufactured by **Advanced Thermal Solutions (ATS)**. It is not an active electronic chip (like a CPU or IC) but rather a **Passive Thermal Management Component**, specifically a high-performance heat sink.
---
### 1. Technical Specifications
The part number follows a specific nomenclature used by ATS to define the dimensions, fin style, and material properties.
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Heat Sink |
| **Series** | pushPIN™ |
| **Attachment Method** | Push-pin (Spring-loaded) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Dimensions (L x W)** | 50.00 mm x 50.00 mm |
| **Height (Height off Base)** | 20.00 mm |
| **Fin Pitch** | Fine |
| **Fin Style** | XCUT (Cross-cut) |
| **Thermal Resistance** | ~9.97°C/W (at 100 LFM) |
---
### 2. Breakdown of the Part Number
The alphanumeric code provides the configuration details:
* **ATS**: Manufacturer (Advanced Thermal Solutions).
* **07**: Series number.
* **F**: Performance class.
* **14**: Specific dimensions/geometry code.
* **C2**: Material/Thermal interface material (usually indicates a specific T766 or similar thermal pad/grease).
* **R0**: RoHS compliance and revision status.
---
### 3. Key Electronic Functions
While it does not process signals, it is critical for the "Health and Safety" of electronic circuits:
1. **Heat Dissipation:** It increases the surface area of a hot component (like a FPGA, MOSFET, or Processor) to allow air to carry away heat more efficiently.
2. **Thermal Protection:** By maintaining lower junction temperatures, it prevents **Thermal Throttling** and extends the Mean Time Between Failures (MTBF) of the silicon.
3. **Mechanical Stability:** The "Push-pin" design uses a flexible spring mechanism that provides consistent pressure on the chip, ensuring a solid thermal connection without cracking the delicate die.
---
### 4. Typical Applications
* **Computing:** Northbridge/Southbridge cooling on motherboards.
* **Telecommunications:** High-speed routers and switches.
* **Power Electronics:** Cooling for high-current voltage regulators.
* **Embedded Systems:** Industrial PC modules.
---
- ⤷
What are the different attachment methods for ATS heat sinks?
- ⤷ How do I calculate the thermal resistance needed for my specific IC?
- ⤷ What is the difference between XCUT and straight fin designs?