ATS-07F-137-C2-R0
AI

The **ATS-07F-137-C2-R0** is a specific model of a **Heat Sink**, manufactured by Advanced Thermal Solutions (ATS). It belongs to the "blue ANODIZED" family and is designed for high-performance cooling of electronic components like CPUs, GPUs, or high-power transistors.
---
### 1. Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Part Number** | ATS-07F-137-C2-R0 |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Mounting Style** | push-PIN™ |
| **Thermal Resistance** | 18.30°C/W (Unducted Flow @ 100 LFM) |
| **Dimensions (L x W x H)** | 18.00mm x 18.00mm x 7.00mm |
| **Fin Type** | XCUT (Cross-cut / Pin Fin) |
---
### 2. Key Components & Design Features
#### A. The XCUT Profile (Fin Design)
Unlike straight-fin heat sinks, the XCUT design features a cross-cut pattern. This allows for:
* **Omnidirectional Airflow:** Air can enter and exit the heat sink from multiple directions, making it ideal for enclosures where airflow direction is inconsistent.
* **Increased Surface Area:** The "pin-like" structure increases the total surface area available for heat dissipation.
#### B. push-PIN™ Attachment Mechanism
The "07F" designation indicates the mounting hardware used.
* **Spring-loaded Pins:** It uses a push-pin system with a brass or plastic pin and a stainless steel spring.
* **Consistent Pressure:** This ensures high-performance thermal interface material (TIM) contact between the heat sink and the component, minimizing thermal resistance at the interface.
#### C. Material and Coating
* **Aluminum 6063:** Lightweight with excellent thermal conductivity.
* **Blue Anodized Finish:** This is not just for aesthetics; the anodized layer provides corrosion resistance and slightly increases "surface emissivity," which aids in radiation cooling.
---
### 3. Electronic Application Usage
This part is typically used in space-constrained electronic environments:
1. **Telecommunications:** Cooling small chipsets in routers or switches.
2. **Embedded Systems:** Industrial PCs where vertical clearance (height) is limited to 7mm.
3. **Power Electronics:** Dissipating heat from small MOSFETs or voltage regulators that require more than just PCB copper traces for cooling.
---
### 4. Thermal Performance Comparison
Thermal resistance decreases as airflow (measured in Linear Feet per Minute - LFM) increases:
| Airflow (LFM) | Velocity (m/s) | Thermal Resistance (°C/W) |
| :--- | :--- | :--- |
| 100 | 0.5 | 18.30 |
| 300 | 1.5 | 12.85 |
| 500 | 2.5 | 11.10 |
- ⤷
What are the specific hole patterns required for the push-PIN mounting?
- ⤷ Does this heat sink come with pre-applied Thermal Interface Material (TIM)?
- ⤷ Are there alternative finishes available for this specific ATS model?