ATS-07F-133-C2-R0
AI

The part number **ATS-07F-133-C2-R0** refers to a high-performance **heat sink** manufactured by Advanced Thermal Solutions (ATS). This specific component is part of their "push-pin" series designed for cooling electronic components like CPUs, GPUs, or high-power transistors.
---
### 1. Technical Specifications
Below are the primary physical and thermal characteristics of this component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (Body) / Blue Anodized (Finish) |
| **Attachment Method** | Push-Pin (Plastic) with Brass Springs |
| **Dimensions (L x W)** | 70mm x 70mm |
| **Height** | 10mm (Low Profile) |
| **Thermal Resistance** | 7.42°C/W (at 100 LFM) |
| **Fin Style** | Straight Fin |
| **Thermal Interface** | T766 (Pre-applied Phase Change Material) |
---
### 2. Component Breakdown
The part number can be decoded to understand its structural features:
* **Heat Sink Body:** A 70mm square aluminum block with vertical fins. Aluminum is chosen for its excellent thermal conductivity-to-weight ratio.
* **Push-Pin Mounting:** Unlike adhesive-based heat sinks, this uses mechanical plastic pins. This provides constant pressure for better thermal contact and makes the part reusable or easy to service.
* **Springs:** The "C2" designation often refers to the specific spring tension (Brass) which ensures a secure fit against the chip without cracking the silicon die.
* **Thermal Interface Material (TIM):** The "-R0" indicates it comes with a pre-applied layer of thermal pad/grease, specifically the **T766** material, which fills microscopic air gaps between the component and the heat sink.
---
### 3. Application Use Cases
This component is typically used in the following electronic environments:
1. **Telecommunications:** Cooling ASICs in networking switches and routers.
2. **Embedded Computing:** Providing heat dissipation for low-profile industrial PC motherboards.
3. **Power Electronics:** Cooling large voltage regulators or motor drivers where vertical space is limited (due to its 10mm height).
---
### 4. Cooling Performance (LFM - Linear Feet per Minute)
The efficiency of this heat sink depends heavily on the airflow provided by system fans:
| Airflow (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (Natural/Low) | 7.42 |
| 300 (Moderate) | 2.58 |
| 500 (High) | 1.78 |
- ⤷
What is the hole pattern spacing required on the PCB for this heat sink?
- ⤷ Can the pre-applied T766 thermal material be replaced with standard thermal paste?
- ⤷ Is there a version of this heat sink with a higher profile for better cooling?