ATS-07E-76-C2-R0
AI

The **ATS-07E-76-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by **Advanced Thermal Solutions (ATS)**. It is part of their "pushPIN™" series, designed for efficient cooling of semiconductors and integrated circuits (ICs).
---
## Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Part Number** | ATS-07E-76-C2-R0 |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Dimensions (L x W x H)** | 25.0mm x 25.0mm x 15.0mm |
| **Pitch** | Fine Pitch |
| **Thermal Resistance** | ~11.5°C/W (Natural Convection) |
---
## Key Components and Design Features
### 1. The Fin Design (Fine Pitch)
The "76" in the part number indicates a specific fin density. This model uses a **Fine Pitch** pattern, which maximizes the surface area within a small 25mm footprint. This is ideal for high-velocity airflow environments where heat needs to be dissipated quickly from a small chip surface.
### 2. pushPIN™ Attachment Mechanism
This part utilizes a specialized mounting system rather than simple adhesive:
* **Brass Bolts/Pins:** Secure the heat sink to the PCB.
* **Compression Springs:** Provide precise, uniform pressure across the component to ensure optimal thermal contact.
* **Flexibility:** It allows for easy installation and removal without damaging the sensitive electronic components.
### 3. Thermal Interface Material (TIM)
The "C2" designation typically refers to the pre-applied thermal material. ATS uses high-performance thermal grease or pads to fill the microscopic air gaps between the heat sink base and the electronic chip (CPU/GPU/FPGA), significantly reducing thermal resistance.
### 4. Material and Coating
* **Aluminum 6063:** Chosen for its high thermal conductivity and lightweight properties.
* **Blue Anodized Finish:** This is not just for aesthetics; anodization protects the aluminum from corrosion and slightly improves radiant heat emission.
---
## Common Applications
* **Network Switches/Routers:** Cooling small, high-heat processors.
* **Embedded Systems:** For compact PCBs where space is restricted.
* **Power Supplies:** Managing heat in voltage regulators and transistors.
* **Industrial Controls:** Ensuring stability in high-temperature environments.
- ⤷
How does the thermal resistance of this heat sink change with different airflow speeds?
- ⤷ What are the specific hole patterns required on a PCB to mount the pushPIN system?
- ⤷ Are there alternative sizes in the ATS-07 series for larger BGA packages?