công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ATS-07E-67-C2-R0

  • AI
    The **ATS-07E-67-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "pushPIN™" series, designed specifically for cooling electronic components such as CPUs, GPUs, and other high-heat surface-mount devices. --- ### 1. Technical Specifications The part number provides specific details regarding its material, thermal resistance, and mounting mechanism. | Feature | Specification | | :--- | :--- | | **Material** | Aluminum (AL6063) | | **Finish** | Blue Anodized | | **Attachment Method** | pushPIN™ (Spring-loaded pins) | | **Heat Sink Type** | Straight Fin | | **Dimensions (L x W x H)** | 45.00mm x 45.00mm x 10.00mm | | **Thermal Interface Material (TIM)** | T766 (Pre-applied thermal grease) | | **Flow Orientation** | Vertical or Horizontal (depending on airflow) | --- ### 2. Thermal Performance Data Performance is measured by thermal resistance (°C/W), where a lower number indicates better cooling efficiency. | Airflow Velocity | Thermal Resistance (Unducted) | Thermal Resistance (Ducted) | | :--- | :--- | :--- | | **200 LFM (1.0 m/s)** | 20.30 °C/W | 3.25 °C/W | | **400 LFM (2.0 m/s)** | 6.01 °C/W | 2.18 °C/W | | **600 LFM (3.0 m/s)** | 4.02 °C/W | 1.82 °C/W | --- ### 3. Key Electronic/Mechanical Features * **pushPIN™ Attachment:** Uses a flexible attachment system that provides consistent pressure on the electronic component, ensuring optimal contact between the heat sink and the chip. * **Compression Springs:** The "R0" suffix indicates the use of specific spring constants to prevent damage to delicate PCB substrates while maintaining high tension. * **Pre-Applied TIM:** Comes with **T766 thermal interface material**, which simplifies the assembly process in mass production and ensures uniform heat transfer. * **Low Profile:** At only 10mm high, it is ideal for space-constrained electronics like blade servers or networking switches. --- ### 4. Part Number Breakdown The code `ATS-07E-67-C2-R0` follows this nomenclature: * **ATS**: Advanced Thermal Solutions. * **07**: Series/Size category. * **E**: Fin geometry or configuration. * **67**: Specific model identifier. * **C2**: Material/Finish (Blue Anodized). * **R0**: Version/Mounting hardware revision.
    ✨ Follow-up Questions
    • ⤷ What are the compatible PCB hole patterns for the pushPIN system?
    • ⤷ How does the T766 thermal interface material compare to phase-change materials?
    • ⤷ What is the weight of this heat sink for mechanical stress calculations?