công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ATS-07E-152-C2-R0

  • AI
    The part number **ATS-07E-152-C2-R0** refers to a high-performance **Heatsink** manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "push-pin" series designed for cooling electronic components like CPUs, GPUs, or FPGAs. --- ## 1. Technical Specifications The following table outlines the physical and thermal characteristics of this specific component: | Feature | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions (ATS) | | **Material** | Aluminum | | **Finish** | Blue Anodized | | **Attachment Method** | Push-Pin (Plastic) | | **Thermal Resistance** | 3.32°C/W (@ 100 LFM) | | **Dimensions (L x W x H)** | 35.00mm x 35.00mm x 15.00mm | | **Fin Style** | Straight Fin (maximizes airflow) | --- ## 2. Component Breakdown The part number is structured to identify specific design features: ### A. Material and Thermal Management * **Aluminum Body:** Provides a balance between weight and thermal conductivity. * **Blue Anodized Coating:** This is not just for aesthetics; it increases surface emissivity, slightly improving radiation heat transfer and protecting the aluminum from corrosion. ### B. Mechanical Interface * **Push-Pin Mounting:** This model uses a spring-loaded push-pin mechanism. This ensures a consistent "clamping force" on the electronic chip, which optimizes the thermal interface material (TIM) performance. * **Springs:** Usually made of brass or steel to maintain tension over time. ### C. Airflow Design (Straight Fin) * The **Straight Fin** geometry is designed for **forced-air cooling** (systems with fans). It offers low pressure drop, allowing air to flow through the fins efficiently to carry heat away from the base. --- ## 3. Application Use Cases This specific heatsink is typically found in: 1. **Telecommunications:** Cooling signal processors in routers or switches. 2. **Embedded Systems:** Industrial PCs where space is limited but heat dissipation is critical. 3. **Power Supplies:** Cooling MOSFETs or voltage regulators. ---
    ✨ Follow-up Questions
    • ⤷ What are the compatible PCB hole patterns for the push-pins on this heatsink?
    • ⤷ How does the thermal resistance of this part change at higher airflow speeds (LFM)?
    • ⤷ What is the difference between the C2 and R0 suffixes in ATS part numbers?