ATS-07D-93-C2-R0
AI

The **ATS-07D-93-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "push pin" series designed for secure mounting on Printed Circuit Boards (PCBs).
### 1. Technical Specifications
The following table summarizes the core electronic and physical attributes of the component:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum (Blue Anodized) |
| **Attachment Method** | Push-Pin (Spring Loaded) |
| **Fin Style** | Straight (Cross-Cut) |
| **Dimensions** | 40mm x 40mm x 20mm |
| **Thermal Resistance** | 7.37°C/W (at 100 LFM) |
| **Pressure Drop** | 0.15 inH2O (at 100 LFM) |
---
### 2. Key Components & Construction
The "electronic" functionality of this part relates to its ability to dissipate heat generated by semiconductors (CPUs, GPUs, FPGAs, or Power Transistors).
* **Heat Sink Body:** Constructed from high-grade aluminum. The **Blue Anodized** finish is not just for aesthetics; it provides surface protection and slightly increases emissivity for better radiation heat transfer.
* **Fin Design:** It uses a high-performance **cross-cut** pattern. This creates a large surface area for air to pass through, significantly reducing the junction temperature of the underlying electronic component.
* **Mounting Interface (Push-Pins):** It utilizes brass or plastic pins with a compression spring. This ensures a constant, specific pressure (load) on the electronic chip, which is critical for maintaining thermal contact without cracking the silicon die.
### 3. Application Use Cases
This specific model is typically used in environments where active or passive airflow is present:
1. **Telecommunications:** Networking switches and routers.
2. **Power Supplies:** Cooling MOSFETs or Voltage Regulators.
3. **Embedded Systems:** Industrial PCs where mechanical vibration resistance is required (provided by the push-pin locks).
---
### 4. Thermal Performance Data
Performance varies based on the Air Velocity (Measured in Linear Feet per Minute - LFM):
| Air Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| **100** | 7.37 |
| **200** | 3.70 |
| **300** | 2.90 |
| **400** | 2.40 |
- ⤷
What is the significance of the 'C2' suffix in the ATS part numbering system?
- ⤷ How do I calculate the correct hole diameter on a PCB for these push-pins?
- ⤷ What type of Thermal Interface Material (TIM) is pre-applied to this heat sink?