ATS-07D-76-C3-R0
AI

The **ATS-07D-76-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or high-power transistors.
---
### Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. |
| **Series** | pushPIN™ |
| **Attachment Type** | Push-Pin (Spring-loaded) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Thermal Resistance** | 11.84°C/W (@ 100 LFM) |
| **Dimensions (L x W x H)** | 25.00mm x 25.00mm x 15.00mm |
| **Fin Style** | Straight (Fine Pitch) |
---
### Key Electronic & Physical Features
#### 1. Heat Sink Design (Straight Fin)
The "76" in the part number refers to a specific fin configuration. Straight fins are optimized for **forced air cooling** (convection). They provide a large surface area to transfer heat from the semiconductor junction to the surrounding air.
#### 2. pushPIN™ Attachment System
Instead of using messy thermal adhesives or fragile clips, this part uses a **push-pin and spring** mechanism.
* **Reliability:** Ensures consistent pressure (clamping force) across the component for optimal thermal transfer.
* **Installation:** Requires pre-drilled holes in the PCB (Printed Circuit Board).
#### 3. Thermal Interface Material (TIM)
The "C3" designation typically indicates that the heat sink comes with a **pre-applied Thermal Interface Material**. This is a conductive phase-change material or grease that fills microscopic air gaps between the component and the heat sink.
#### 4. Blue Anodized Finish
The blue coating is not just for aesthetics; **Anodization** increases:
* **Emissivity:** Improving heat radiation.
* **Corrosion Resistance:** Protecting the aluminum from environmental degradation.
* **Electrical Insulation:** Providing a non-conductive surface to prevent accidental shorts.
---
### Thermal Performance Table
The efficiency of the ATS-07D-76-C3-R0 depends heavily on the airflow (measured in Linear Feet per Minute - LFM):
| Airflow Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (0.5 m/s) | 11.84 |
| 300 (1.5 m/s) | 4.41 |
| 500 (2.5 m/s) | 3.17 |
| 700 (3.5 m/s) | 2.64 |
---
### Application Usage
This part is commonly found in:
* **Small Form Factor (SFF) Electronics:** Due to its compact 25mm footprint.
* **Telecommunications:** Cooling ASICs and FPGAs.
* **Embedded Systems:** Industrial PCs where vibration resistance (via push-pins) is required.
- ⤷What is the difference between push-pin and adhesive mounting for heat sinks?
- ⤷ How do I calculate the required thermal resistance for my specific chip?
- ⤷ Can this heat sink be used in a passive cooling environment without a fan?