ATS-07D-72-C3-R0
AI

The **ATS-07D-72-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or hardware failure.
---
### 1. Technical Specifications
The part number provides specific details about its construction and thermal properties:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ |
| **Thermal Resistance (Flow)** | 5.19 °C/W @ 100 LFM |
| **Thermal Resistance (Static)** | 2.15 °C/W @ 700 LFM |
| **Dimensions (L x W x H)** | 45.00mm x 45.00mm x 15.00mm |
| **Pitch** | Fine Pitch |
---
### 2. Key Components & Design
The ATS-07D-72-C3-R0 features several engineering choices optimized for electronic cooling:
* **Fins:** It utilizes a **Straight Fin** design. These are vertically aligned plates that increase the surface area available for convection.
* **pushPIN™ Attachment:** This is a specialized mounting mechanism that uses a spring-loaded pin to ensure consistent pressure between the heat sink and the component, maximizing heat transfer.
* **Thermal Interface Material (TIM):** This model typically comes with a pre-applied **T412** thermal tape or pad, which fills microscopic air gaps between the heat sink base and the electronic chip.
---
### 3. Application Use Cases
This specific heat sink is used in environments where airflow is directed across the PCB. Common applications include:
1. **Telecommunications:** Cooling ASICs in networking switches or routers.
2. **Power Supplies:** Managing heat in high-efficiency DC-DC converters.
3. **Embedded Systems:** Industrial PCs where space is limited but high thermal dissipation is required.
---
### 4. Thermal Performance Comparison
Below is a simplified representation of how air velocity (Measured in Linear Feet per Minute) affects the thermal resistance of this part:
| Air Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (0.5 m/s) | 5.19 |
| 300 (1.5 m/s) | 2.91 |
| 500 (2.5 m/s) | 2.39 |
| 700 (3.5 m/s) | 2.15 |
---
- ⤷
How does the 'pushPIN' mounting system compare to traditional adhesive mounting?
- ⤷ What are the benefits of the 'Blue Anodized' finish beyond aesthetics?
- ⤷ Can this heat sink be used with a custom thermal paste instead of the pre-applied TIM?