ATS-07D-71-C2-R0
AI

The **ATS-07D-71-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of their "push pin" series designed specifically for cooling electronic components such as CPUs, GPUs, and other high-heat integrated circuits.
### 1. Technical Specifications
The following table highlights the core physical and thermal properties of this component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push Pin (Brass) |
| **Dimensions (L x W x H)** | 45mm x 45mm x 30mm |
| **Fin Style** | Straight Fin |
| **Thermal Resistance** | 6.67°C/W (at 200 LFM) |
| **Spring Type** | Compression Spring |
---
### 2. Electronic Application & Usage
This part is categorized as a **Passive Thermal Management** component. Its primary function is to increase the surface area of a heat-generating electronic device to dissipate thermal energy into the surrounding air.
#### Key Electronic Considerations:
* **Thermal Impedance:** It is designed to lower the junction temperature ($T_j$) of semiconductors to prevent thermal throttling or hardware failure.
* **Acoustic Profile:** As a passive heat sink, it generates no noise, making it ideal for fanless or low-noise electronic enclosures.
* **EMI Shielding:** Because it is made of aluminum, it can sometimes influence the Electromagnetic Interference (EMI) profile of a board, depending on its grounding and proximity to high-frequency traces.
---
### 3. Mounting and Material Details
* **Push Pin Mechanism:** The "C2" in the part number indicates a specific push-pin and spring combination. This provides consistent pressure (clamping force) on the electronic chip, ensuring optimal contact with the Thermal Interface Material (TIM).
* **Blue Anodized Coating:** This is not just for aesthetics; the anodization protects the aluminum from corrosion and slightly improves surface emissivity for radiant heat transfer.
---
- ⤷
What is the recommended Thermal Interface Material (TIM) for this heat sink?
- ⤷ How do I calculate the thermal resistance for different airflow speeds?
- ⤷ What are the PCB hole requirements for the push pin mounting?