ATS-07D-65-C2-R0
AI

The **ATS-07D-65-C2-R0** is a specific electronic cooling component known as a **Heat Sink**. It is manufactured by Advanced Thermal Solutions (ATS) and belongs to their "push pin" series, designed for cooling high-performance integrated circuits (ICs).
---
## Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. (ATS) |
| **Part Number** | ATS-07D-65-C2-R0 |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push Pin (Plastic) |
| **Thermal Resistance** | 7.22°C/W (Unducted Flow @ 100 LFM) |
| **Base Dimensions** | 45mm x 45mm |
| **Height** | 25mm |
| **Fins** | Cross-Cut (Pin Fin type) |
---
## Key Components and Design Features
### 1. The Heat Sink Body
The body is made of **Aluminum 6063**, which offers high thermal conductivity while remaining lightweight. The "Blue Anodized" finish is not just for aesthetics; it provides surface protection and slightly improves radiation heat transfer.
### 2. Fin Geometry (Cross-Cut)
Unlike traditional straight-fin heat sinks, this model uses a **Cross-Cut** or pin-fin design.
- **Efficiency:** This allows for omnidirectional airflow, meaning it can accept air from any direction, making it ideal for crowded PCB layouts.
- **Surface Area:** The structure maximizes the surface area exposed to the air to dissipate heat from the component beneath.
### 3. Attachment Mechanism (Push Pins)
The "07D" series specifically utilizes a push-pin attachment system:
- **Spring Loading:** The pins are usually accompanied by springs that provide consistent downward pressure, ensuring a tight interface between the chip and the heat sink.
- **Hardware:** It requires pre-drilled holes in the Printed Circuit Board (PCB).
### 4. Thermal Interface Material (TIM)
The "R0" suffix typically indicates the inclusion of a pre-applied **Thermal Interface Material**. In this case, it usually comes with **T766**, a high-performance phase-change material that fills microscopic air gaps between the IC and the heat sink base.
---
## Applications
This part is commonly used for cooling:
* **CPUs/GPUs** in embedded systems.
* **FPGAs** (Field Programmable Gate Arrays).
* **ASICs** (Application-Specific Integrated Circuits).
* High-speed networking chips.
- ⤷
What is the difference between blue anodized and black anodized heat sinks?
- ⤷ How do I calculate the required airflow for this specific thermal resistance?
- ⤷ Can this heat sink be mounted using thermal adhesive instead of push pins?