ATS-07D-55-C2-R0
AI

The **ATS-07D-55-C2-R0** is an electronic thermal management component, specifically a **high-performance heat sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or high-power transistors.
---
### 1. Technical Specifications
The part number follows a specific nomenclature used by ATS to define the dimensions, fin style, and thermal interface material.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Product Line** | pushPIN™ Heat Sink |
| **Material** | Aluminum (with Blue Anodized Finish) |
| **Attachment Method** | Push-Pin (Plastic or Brass) |
| **Dimensions** | 35mm x 35mm x 10mm (Low Profile) |
| **Fin Style** | Straight Fin |
| **Thermal Resistance** | ~23.98 °C/W (Unducted Flow) |
| **Thermal Interface** | T766 (Pre-applied thermal grease) |
---
### 2. Physical Design & Components
The "Electronic" functionality of this part is passive, meaning it does not require power to operate but is critical for the survival of active electronics.
* **The Heat Sink Body:** Made of high-grade aluminum. The 10mm height makes it ideal for **1U servers** or small form factor (SFF) enclosures where vertical space is limited.
* **Push-Pin Attachment:** The part includes a spring-loaded push-pin mechanism. This ensures constant pressure between the heat sink and the chip, which is vital for efficient heat transfer.
* **Fin Geometry:** The straight fin design allows for airflow from a cooling fan to pass through easily, reducing the "pressure drop" across the component.
* **Thermal Interface Material (TIM):** The **C2** in the part number indicates it comes with a high-performance thermal pad/grease pre-applied to the base, ensuring no air gaps exist between the chip and the metal.
---
### 3. Application Use Cases
This specific model is typically found in the following electronic environments:
1. **Telecommunications:** Cooling of signal processing chips in networking switches.
2. **Embedded Systems:** Protecting microcontrollers in industrial automation.
3. **Power Electronics:** Dissipating heat from MOSFETs or voltage regulators.
---
### 4. Part Number Breakdown
```text
ATS - 07 D - 55 - C2 - R0
| | | | |
| | | | +-- Revision Code
| | | +------- Thermal Interface Material (T766)
| | +------------ Height (10mm)
| +----------------- Fin Pitch/Type
+----------------------- Advanced Thermal Solutions
```
- ⤷
What is the maximum TDP (Thermal Design Power) this heat sink can handle?
- ⤷ How does the 'push-pin' mounting system compare to adhesive tape mounting?
- ⤷ Are there taller versions of the ATS-55 series for better cooling?