ATS-07D-53-C2-R0
AI

The **ATS-07D-53-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of their "pushPIN™" series, designed specifically for thermal management in electronic components like CPUs, GPUs, and power modules.
---
### 1. Technical Specifications
The following table outlines the physical and thermal properties of this specific model:
| Parameter | Specification |
| :--- | :--- |
| **Material** | Aluminum (Al6063) |
| **Finish** | Blue Anodized |
| **Dimensions (L x W x H)** | 35mm x 35mm x 30mm |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Thermal Resistance (Unducted)** | 2.32 °C/W @ 100 LFM |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
| **Flow Direction** | Straight Fin |
---
### 2. Key Components & Design Features
#### A. Fin Geometry (Straight Fin)
This model uses a **straight-fin design**, which is ideal for applications where the airflow is predictable and moves in a single direction. The 30mm height provides a large surface area for heat dissipation without creating excessive air resistance.
#### B. pushPIN™ Attachment System
The "07D" in the part number refers to the attachment style. It utilizes a spring-loaded mechanism that:
* Ensures consistent pressure across the component (TIM) for maximum heat transfer.
* Is easy to install and remove compared to adhesive tapes.
* Provides mechanical stability in high-vibration environments.
#### C. Thermal Interface Material (TIM)
The unit comes with **T766** pre-applied. This is a high-performance thermal pad/paste that fills microscopic air gaps between the component and the heat sink base, significantly lowering the contact resistance.
---
### 3. Application Use Cases
The ATS-07D-53-C2-R0 is commonly used for:
* **Embedded Systems:** Cooling industrial PCs and controllers.
* **Networking Gear:** Cooling high-speed switches and routers.
* **Power Supplies:** Managing heat in MOSFETs or voltage regulators.
---
### 4. Part Number Breakdown
`ATS - 07 D - 53 - C2 - R0`
* **ATS:** Advanced Thermal Solutions (Manufacturer).
* **07:** Series/Attachment type.
* **D:** Pin/Attachment material (usually Plastic/Brass).
* **53:** Fin pitch/style configuration.
* **C2:** Material finish/Performance level (Blue Anodized).
* **R0:** Revision code.
- ⤷
How do I calculate the airflow requirements (LFM) for this heat sink?
- ⤷ What are the alternatives to pushPIN mounting for this size?
- ⤷ Can this heat sink be used with a custom fan shroud?