ATS-07D-49-C2-R0
AI

The **ATS-07D-49-C2-R0** is a high-performance heat sink manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **push-pin** attachment series, designed specifically for cooling electronic components such as CPUs, GPUs, and other high-heat surface-mount chips.
---
### 1. Technical Specifications
The following table outlines the physical and thermal characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (Blue Anodized) |
| **Dimensions** | 25mm x 25mm x 20mm |
| **Fin Style** | Straight Fin |
| **Attachment Type** | Push-Pin (Plastic) |
| **Thermal Resistance** | 5.48°C/W @ 200 LFM (Linear Feet per Minute) |
| **Spring Type** | Compression Spring |
| **Weight** | ~12.5 grams |
---
### 2. Design and Composition
This part is engineered for efficient heat dissipation in confined spaces.
* **Heat Sink Geometry:** The "straight fin" design allows for unidirectional airflow, making it ideal for systems with a dedicated cooling fan or intake/exhaust path.
* **Thermal Interface Material (TIM):** This specific model typically comes pre-applied with **T766** phase-change thermal interface material, which ensures maximum heat transfer between the chip and the aluminum base.
* **Push-Pin Mounting:** It uses two plastic push-pins and a spring mechanism. This ensures a consistent clamping force, which is critical for maintaining thermal contact over the life of the product.
---
### 3. Application Use-Cases
* **Embedded Systems:** Industrial PCs where compact cooling is required.
* **Networking Gear:** Routers and switches with high-speed processors.
* **Power Supplies:** Cooling voltage regulators or power transistors.
---
### 4. Part Number Breakdown
Understanding the ATS nomenclature:
1. **ATS-07**: Series identifier (Push-pin type).
2. **D**: Indicates the pin material/spring configuration.
3. **49**: Specific size/geometry code.
4. **C2**: Color/Finish (Blue Anodized).
5. **R0**: RoHS compliance/revision status.
- ⤷
What are the alternatives to push-pin mounting for this heat sink?
- ⤷ How does the LFM (Linear Feet per Minute) affect the thermal resistance of this part?
- ⤷ Can this heat sink be used with a custom thermal paste instead of the pre-applied TIM?